Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381B-100AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1381B-100AI
Description  51236/1M 횞 18 Flow-Thru SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381B-100AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1381B-100AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1381B-100AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
512 × 36/1M × 18 Flow-Thru SRAM
CY7C1381B
CY7C1383B
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05196 Rev. **
Revised December 3, 2001
381B
Features
• Fast access times: 7.5, 8.5, 10.0 ns
• Fast clock speed: 117, 100, 83 MHz
• Provide high-performance 3-1-1-1 access rate
• Optimal for depth expansion
• 3.3V (–5% / +10%) power supply
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Chip enable for address pipeline
• Address, data and control registers
• Internally self-timed Write Cycle
• Burst control pins (interleaved or linear burst
sequence)
• Automatic power down available using ZZ mode or CE
deselect
• High-density, high-speed packages
• JTAG boundary scan for BGA packaging version
Functional Description
The Cypress Synchronous Burst SRAM family employs
high-speed, low power CMOS designs using advanced
single-layer polysilicon, triple-layer metal technology. Each
memory cell consists of six transistors.
The
CY7C1381B
and
CY7C1383B
SRAMs
integrate
524,288 × 36 and 1,048,576 × 18 SRAM cells with advanced
synchronous peripheral circuitry and a 2-bit counter for
internal burst operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining Chip Enable (CE), Burst Control
Inputs (ADSC, ADSP, and ADV), Write Enables (BWa, BWb,
BWc, BWd, and BWe), and Global Write (GW).
Asynchronous inputs include the Output Enable (OE) and
Burst Mode Control (MODE). The data outputs (Q), enabled
by OE, are also asynchronous.
Addresses and chip enables are registered with either
Address Status Processor (ADSP) or address status controller
(ADSC) input pins. Subsequent burst addresses can be inter-
nally generated as controlled by the Burst Advance Pin (ADV).
Address, data inputs, and Write controls are registered on-chip
to initiate self-timed Write cycle. Write cycles can be one to
four bytes wide as controlled by the Write control inputs.
Individual byte Write allows individual byte to be written. BWa
controls DQ1-DQ8 and DP1. BWb controls DQ9-DQ16 and
DP2. BWc controls DQ17-DQ24and DP3. BWd controls
DQ25-DQ32 and DP4. BWa, BWb BWc, and BWd can be
active only with BWe being LOW. GW being LOW causes all
bytes to be written. Write pass-through capability allows
written data available at the output for the immediately next
Read cycle. This device also incorporates pipelined enable
circuit for easy depth expansion without penalizing system
performance.
All inputs and outputs of the CY7C1381B and the CY7C1383B
are JEDEC-standard JESD8-5-compatible.
Selection Guide
117 MHz
100 MHz
83 MHz
Unit
Maximum Access Time
7.5
8.5
10.0
ns
Maximum Operating Current
250
225
185
mA
Maximum CMOS Standby Current
20
20
20
mA


Similar Part No. - CY7C1381B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381C CYPRESS-CY7C1381C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AC CYPRESS-CY7C1381C-100AC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AI CYPRESS-CY7C1381C-100AI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGC CYPRESS-CY7C1381C-100BGC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGI CYPRESS-CY7C1381C-100BGI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com