Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF15040DS-0.65V51 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DF15040DS-0.65V51
Description  0.65mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF15040DS-0.65V51 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DF15040DS-0.65V51 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 9Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 10Page - List of Unclassifed Manufacturers DF15040DS-0.65V51 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
A295
qReceptacle
BEmbossed Carrier Tape Dimensions
Unit:mm
Connector
DF15#(0.8)-20DS-0.65V
DF15#(0.8)-30DS-0.65V
DF15#(0.8)-40DS-0.65V
DF15#(0.8)-50DS-0.65V
DF15#(1.8)-20DS-0.65V
DF15#(1.8)-30DS-0.65V
DF15#(1.8)-40DS-0.65V
DF15#(1.8)-50DS-0.65V
A
16
24
24
32
16
24
24
32
B
7.5
11.5
11.5
14.2
7.5
11.5
11.5
14.2
C
3.3
3.3
3.3
3.3
4.3
4.3
4.3
4.3
D
16.4
24.4
24.4
32.4
16.4
24.4
24.4
32.4
E
330
Connector
DF15#(3.2)-20DP-0.65V
DF15#(3.2)-30DP-0.65V
DF15#(3.2)-40DP-0.65V
DF15#(3.2)-50DP-0.65V
DF15#(4.2)-20DP-0.65V
DF15#(4.2)-30DP-0.65V
DF15#(4.2)-40DP-0.65V
DF15#(4.2)-50DP-0.65V
DF15#(6.2)-20DP-0.65V
DF15#(6.2)-30DP-0.65V
DF15#(6.2)-40DP-0.65V
DF15#(6.2)-50DP-0.65V
A
16
24
24
32
16
24
24
32
16
24
24
32
B
7.5
11.5
11.5
14.5
7.5
11.5
11.5
14.5
7.5
11.5
11.5
14.5
C
3.5
3.5
3.5
3.5
4.5
4.5
4.5
4.5
6.5
6.5
6.5
6.5
D
16.4
24.4
24.4
32.4
16.4
24.4
24.4
32.4
16.4
24.4
24.4
32.4
E
330
380
(20, 30, 40 contacts)
(50 contacts)
(20, 30, 40 contacts)
(50 contacts)
qHeader
qReel Dimensions


Similar Part No. - DF15040DS-0.65V51

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DF1504 FCI-DF1504 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
PACELEADER INDUSTRIAL
DF1504 PACELEADER-DF1504 Datasheet
179Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
DF1504 ZOWIE-DF1504 Datasheet
58Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Formosa MS
DF1504 FORMOSA-DF1504 Datasheet
144Kb / 6P
   Bridge Rectifier
logo
First Silicon Co., Ltd
DF1504 FS-DF1504 Datasheet
191Kb / 2P
   Bridge Rectifier
More results

Similar Description - DF15040DS-0.65V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
logo
SUYIN USA, INC.
650101FA SUYIN-USA-650101FA Datasheet
157Kb / 1P
   0.65mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com