Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4425-10AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C4425-10AI
Description  64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4425-10AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C4425-10AI Datasheet HTML 1Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 2Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 3Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 4Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 5Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4425-10AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CY7C4425/4205/4215
CY7C4225/4235/4245
5
Notes:
7.
Tested initially and after any design or process changes that may affect these parameters.
8.
CL = 30 pF for all AC parameters except for tOHZ.
9.
CL = 5 pF for tOHZ.
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
5
pF
COUT
Output Capacitance
7
pF
AC Test Loads and Waveforms[8, 9]
3.0V
5V
OUTPUT
R11.1K
R2
680
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<3 ns
<3 ns
OUTPUT
1.91V
Equivalent to:
THÉ
EVENIN
EQUIVALENT
42X5–4
410
ALL INPUT PULSES
42X5–5
Switching Characteristics Over the Operating Range
Parameter
Description
7C42X5-10
7C42X5-15
7C42X5-25
7C42X5-35
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tS
Clock Cycle Frequency
100
66.7
40
28.6
MHz
tA
Data Access Time
2
8
2
10
2
15
2
20
ns
tCLK
Clock Cycle Time
10
15
25
35
ns
tCLKH
Clock HIGH Time
4.5
6
10
14
ns
tCLKL
Clock LOW Time
4.5
6
10
14
ns
tDS
Data Set-Up Time
3
4
6
7
ns
tDH
Data Hold Time
0.5
1
1
2
ns
tENS
Enable Set-Up Time
3
4
6
7
ns
tENH
Enable Hold Time
0.5
1
1
2
ns
tRS
Reset Pulse Width[10]
10
15
25
35
ns
tRSR
Reset Recovery Time
8
10
15
20
ns
tRSF
Reset to Flag and Output Time
10
15
25
35
ns
tPRT
Retransmit Pulse Width
12
15
25
35
ns
tRTR
Retransmit Recovery Time
12
15
25
35
ns
tOLZ
Output Enable to Output in Low Z[11]
0
0
0
0
ns
tOE
Output Enable to Output Valid
3
7
3
8
3
12
3
15
ns
tOHZ
Output Enable to Output in High Z[12]
3
7
3
8
3
12
3
15
ns
tWFF
Write Clock to Full Flag
8
10
15
20
ns
tREF
Read Clock to Empty Flag
8
10
15
20
ns
tPAFasynch
Clock to Programmable Almost-Full Flag[12]
(Asynchronous mode, VCC/SMODE tied to VCC)
12
16
20
25
ns


Similar Part No. - CY7C4425-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4425V CYPRESS-CY7C4425V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-15ASC CYPRESS-CY7C4425V-15ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-25ASC CYPRESS-CY7C4425V-25ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-35ASC CYPRESS-CY7C4425V-35ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results

Similar Description - CY7C4425-10AI

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com