Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1386B-133BGC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1386B-133BGC
Description  512K x 36/1M x 18 Pipelined DCD SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1386B-133BGC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1386B-133BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1386B-133BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1386B
CY7C1387B
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05195 Rev. **
Revised December 3, 2001
86B
Features
• Fast clock speed: 200, 167, 150, 133 MHz
• Provide high-performance 3-1-1-1 access rate
•Fast OE access times: 3.0, 3.4, 3.8, and 4.2 ns
• Optimal for depth expansion
• 3.3V (–5% / +10%) power supply
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Double-cycle deselect
• Chip enable for address pipeline
• Address, data, and control registers
• Internally self-timed Write cycle
• Burst control pins (interleaved or linear burst
sequence)
• Automatic power-down available using ZZ mode or CE
deselect
• High-density, high-speed packages
• JTAG boundary scan for BGA packaging version
• Automatic power down available using ZZ mode or CE
deselect
Functional Description
The Cypress Synchronous Burst SRAM family employs
high-speed, low-power CMOS designs using advanced
single-layer polysilicon, triple-layer metal technology. Each
memory cell consists of six transistors.
The
CY7C1386B
and
CY7C1387B
SRAMs
integrate
524,288 × 36 and 1,048,576 × 18 SRAM cells with advanced
synchronous peripheral circuitry and a 2-bit counter for
internal burst operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered Clock Input
(CLK). The synchronous inputs include all addresses, data
inputs, address-pipelining Chip Enables (CEs), burst control
inputs (ADSC, ADSP, and ADV), Write Enables (BWa, BWb,
BWc, BWd and BWE), and Global Write (GW).
Asynchronous inputs include the Output Enable (OE) and
burst mode control (MODE). DQa,b,c,d and DPa,b,c,d apply to
CY7C1386B and DQa,b and DPa,b apply to CY7C1387B. a, b,
c, and d each are 8 bits wide in the case of DQ and 1 bit wide
in the case of DP.
Addresses and chip enables are registered with either
Address Status Processor (ADSP) or Address Status
Controller (ADSC) input pins. Subsequent burst addresses
can be internally generated as controlled by the Burst Advance
Pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate self-timed Write cycles. Write cycles can be one to
four bytes wide as controlled by the write control inputs.
Individual byte write allows individual byte to be written. BWa
controls DQa and DQPa. BWb controls DQb and DQPb. BWc
controls DQc and DQPd. BWd controls DQd–DQd and DQPd.
BWa, BWb, BWc, and BWd can be active only with BWE LOW.
GW LOW causes all bytes to be written. Write pass-through
capability allows written data available at the output for the
immediately next Read cycle. This device also incorporates
pipelined enable circuit for easy depth expansion without
penalizing system performance.
The CY7C1386B and CY7C1387B are both double-cycle
deselect parts. All inputs and outputs of the CY7C1386B and
the CY7C1387B are JEDEC-standard JESD8-5-compatible.
Selection Guide
200 MHz
167 MHz
150 MHz
133 MHz
Unit
Maximum Access Time
3
3.4
3.8
4.2
ns
Maximum Operating Current
315
285
265
245
mA
Maximum CMOS Standby Current
20
20
20
20
mA


Similar Part No. - CY7C1386B-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167AC CYPRESS-CY7C1386C-167AC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167AI CYPRESS-CY7C1386C-167AI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167BG CYPRESS-CY7C1386C-167BG Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167BGC CYPRESS-CY7C1386C-167BGC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1386B-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com