Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09159AV Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C09159AV
Description  3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09159AV Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C09159AV Datasheet HTML 1Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 2Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 3Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 4Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 5Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 6Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 7Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 8Page - Cypress Semiconductor CY7C09159AV Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY7C09159AV
CY7C09169AV
Document #: 38-06053 Rev. **
Page 4 of 17
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with Power Applied ..–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +4.6V
DC Voltage Applied to
Outputs in High Z State ...........................–0.5V to VCC+0.5V
DC Input Voltage......................................–0.5V to VCC+0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage ........................................... >2001V
Latch-Up Current ..................................................... >200 mA
Note:
4.
Industrial parts are available in CY7C09169AV only.
Pin Definitions
Left Port
Right Port
Description
A0L–A13L
A0R–A13R
Address Inputs (A0−A12 for 8K; A0−A13 for 16K devices).
ADSL
ADSR
Address Strobe Input. Used as an address qualifier. This signal should be asserted LOW during
normal read or write transactions. Asserting this signal LOW also loads the burst address counter
with data present on the I/O pins.
CE0L,CE1L
CE0R,CE1R
Chip Enable Input. To select either the left or right port, both CE0 AND CE1 must be asserted to
their active states (CE0 ≤ VIL and CE1 ≥ VIH).
CLKL
CLKR
Clock Signal. This input can be free-running or strobed. Maximum clock input rate is fMAX.
CNTENL
CNTENR
Counter Enable Input. Asserting this signal LOW increments the burst address counter of its
respective port on each rising edge of CLK. CNTEN is disabled if ADS or CNTRST are asserted
LOW.
CNTRSTL
CNTRSTR
Counter Reset Input. Asserting this signal LOW resets the burst address counter of its respective
port to zero. CNTRST is not disabled by asserting ADS or CNTEN.
I/O0L–I/O8L
I/O0R–I/O8R
Data Bus Input/Output (I/O0–I/O7 for x8 devices; I/O0–I/O8 for x9 devices).
OEL
OER
Output Enable Input. This signal must be asserted LOW to enable the I/O data pins during read
operations.
R/WL
R/WR
Read/Write Enable Input. This signal is asserted LOW to write to the dual-port memory array.
For read operations, assert this pin HIGH.
FT/PIPEL
FT/PIPER
Flow-Through/Pipelined Select Input. For flow-through mode operation, assert this pin LOW. For
pipelined mode operation, assert this pin HIGH.
GND
Ground Input.
NC
No Connect.
VCC
Power Input.
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
3.3V
± 300 mV
Industrial[4]
–40
°C to +85°C
3.3V
± 300 mV


Similar Part No. - CY7C09159AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV-12AC CYPRESS-CY7C09159AV-12AC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV-12AXC CYPRESS-CY7C09159AV-12AXC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV-9AC CYPRESS-CY7C09159AV-9AC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV-9AXC CYPRESS-CY7C09159AV-9AXC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09159AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com