Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4425-10ASC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C4425-10ASC
Description  64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4425-10ASC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C4425-10ASC Datasheet HTML 6Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 7Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 8Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 9Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 10Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 11Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 12Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 13Page - Cypress Semiconductor CY7C4425-10ASC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CY7C4425/4205/4215
CY7C4225/4235/4245
10
Notes:
19. PAE offset – n. Number of data words into FIFO already = n.
20. PAE offset – n.
21. tSKEW3 is the minimum time between a rising WCLK and a rising RCLK edge for PAE to change state during that clock cycle. If the time between the edge of WCLK and the
rising RCLK is less than tSKEW3, then PAE may not change state until the next RCLK.
22. If a read is performed on this rising edge of the read clock, there will be Empty + (n – 1) words in the FIFO when PAE goes LOW.
Switching Waveforms (continued)
tENH
Programmable Almost Empty Flag Timing
WCLK
PAE]
REN
RCLK
tCLKH
tPAE
tENS
n+1 WORDS
IN FIFO
tCLKL
tENS
tPAE
n WORDS IN FIFO
42X5–13
[19]
WEN
Note
tENH
WCLK
PAE
RCLK
tCLKH
tENS
tCLKL
tENS
tPAEsynch
N + 1 WORDS
INFIFO
42X5–14
tENH
tENS
tENH
tENS
tPAEsynch
REN
WEN
WEN2
tSKEW3
Note
Programmable Almost Empty Flag Timing (applies only in SMODE (SMODE is LOW)
[21]
22
20


Similar Part No. - CY7C4425-10ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4425V CYPRESS-CY7C4425V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-15ASC CYPRESS-CY7C4425V-15ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-25ASC CYPRESS-CY7C4425V-25ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4425V-35ASC CYPRESS-CY7C4425V-35ASC Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results

Similar Description - CY7C4425-10ASC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com