Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH162245 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74ALVCH162245
Description  16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162245 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVCH162245 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product specification
74ALVCH162245
16-bit bus transceiver with direction pin and
30
Ω termination resistor (3-State)
1998 Jun 29
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
1DIR
Direction control
2, 3, 5, 6, 8, 9,
11, 12
1B0 to 1B7
Data inputs/outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
13, 14, 16, 17,
19, 20, 22, 23
2B0 to 2B7
Data inputs/outputs
24
2DIR
Direction control
25
2OE
Output enable input
(active LOW)
36, 35, 33, 32,
30, 29, 27, 26
2A0 to 2A7
Data inputs/outputs
47, 46, 44, 43,
41, 40, 38, 37
1A0 to 1A7
Data inputs/outputs
48
1OE
Output enable input
(active LOW)
LOGIC SYMBOL
2DIR
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
2OE
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
25
1DIR
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
1OE
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
48
SW00197
FUNCTION TABLE
INPUTS
INPUTS/OUTPUT
nOE
nDIR
nAn
nBn
L
L
A = B
inputs
L
H
inputs
B = A
H
X
Z
Z
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high impedance OFF–state
LOGIC SYMBOL (IEEE/IEC)
48
3 EN1 [BA]
1
G3
G6
6 EN4 [BA]
1
25
24
2
1DIR
1OE
2OE
2DIR
1B0
3 EN2 [AB]
6 EN5 [AB]
47
1A0
46
44
43
41
40
38
37
13
2B0
36
35
33
32
30
29
27
26
3
5
6
8
9
11
12
14
16
17
19
20
22
23
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B1
2B2
2B3
2B4
2B5
2B6
2B7
SW00196
2
4
5
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044


Similar Part No. - 74ALVCH162245

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245PAG IDT-74ALVCH162245PAG Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
74ALVCH162245PAG8 IDT-74ALVCH162245PAG8 Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
More results

Similar Description - 74ALVCH162245

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz