Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH162245 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74ALVCH162245
Description  16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162245 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVCH162245 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips
Semiconductors
74ALVCH162245
16-bit bus transceiver with direction pin
and 30
Ω termination resistor (3-State)
Product specification
1998 Jun 29
INTEGRATED CIRCUITS
IC24 Data Handbook


Similar Part No. - 74ALVCH162245

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245PAG IDT-74ALVCH162245PAG Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
74ALVCH162245PAG8 IDT-74ALVCH162245PAG8 Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
More results

Similar Description - 74ALVCH162245

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz