Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH162245 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. 74ALVCH162245
Description  16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162245 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH162245 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
74ALVCH162245
16-bit bus transceiver with direction pin and
30
Ω termination resistor (3-State)
1998 Jun 29
7
AC WAVEFORMS FOR VCC = 2.3V TO 2.7V AND
VCC < 2.3V RANGE
VM = 0.5 VCC
VX = VOL + 0.15V
VY = VOH –0.15V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = VCC
AC WAVEFORMS FOR VCC = 3.0V TO 3.6V AND
VCC = 2.7V RANGE
VM = 1.5 V
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = 2.7V
SW00063
An, Bn
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
Bn, An
OUTPUT
Waveform 1. Input (nAn, nBn) to output (nBn, nAn)
propagation delay times
tPLZ
tPZL
VI
OE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00064
Waveform 2. 3-State enable and disable times
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 500 Ω
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
RL = 500 Ω
2 * VCC
SV00906
Waveform 3. Load circuitry for switching times


Similar Part No. - 74ALVCH162245

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245PAG IDT-74ALVCH162245PAG Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
74ALVCH162245PAG8 IDT-74ALVCH162245PAG8 Datasheet
99Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER
More results

Similar Description - 74ALVCH162245

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz