Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1386B-200AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1386B-200AC
Description  512K x 36/1M x 18 Pipelined DCD SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1386B-200AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1386B-200AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 13Page - Cypress Semiconductor CY7C1386B-200AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CY7C1386B
CY7C1387B
Document #: 38-05195 Rev. **
Page 10 of 32
Cycle Descriptions[1,2,3,4]
Next Cycle
Add. Used
ZZ
CE3
CE2
CE1
ADSP
ADSC
ADV
OE
DQ
Write
Unselected
None
0
X
X
H
X
L
X
X
Hi-Z
X
Unselected
None
0
H
X
L
L
X
X
X
Hi-Z
X
Unselected
None
0
X
L
L
L
X
X
X
Hi-Z
X
Unselected
None
0
H
X
L
H
L
X
X
Hi-Z
X
Unselected
None
0
X
L
L
H
L
X
X
Hi-Z
X
Begin Read
External
0
L
H
L
L
X
X
X
Hi-Z
X
Begin Read
External
0
L
H
L
H
L
X
X
Hi-Z
Read
Continue Read
Next
0
X
X
X
H
H
L
H
Hi-Z
Read
Continue Read
Next
0
X
X
X
H
H
L
L
DQ
Read
Continue Read
Next
0
X
X
H
X
H
L
H
Hi-Z
Read
Continue Read
Next
0
X
X
H
X
H
L
L
DQ
Read
Suspend Read
Current
0
X
X
X
H
H
H
H
Hi-Z
Read
Suspend Read
Current
0
X
X
X
H
H
H
L
DQ
Read
Suspend Read
Current
0
X
X
H
X
H
H
H
Hi-Z
Read
Suspend Read
Current
0
X
X
H
X
H
H
L
DQ
Read
Begin Write
Current
0
X
X
X
H
H
H
X
Hi-Z
Write
Begin Write
Current
0
X
X
H
X
H
H
X
Hi-Z
Write
Begin Write
External
0
L
H
L
H
L
X
X
Hi-Z
Write
Continue Write
Next
0
X
X
X
H
H
L
X
Hi-Z
Write
Continue Write
Next
0
X
X
H
X
H
L
X
Hi-Z
Write
Suspend Write
Current
0
X
X
X
H
H
H
X
Hi-Z
Write
Suspend Write
Current
0
X
X
H
X
H
H
X
Hi-Z
Write
ZZ “sleep”
None
1
XXX
X
X
X
X
Hi-Z
X
Notes:
1.
X = ”Don't Care.” H = HIGH. L = LOW.
2.
Write is defined by BWE, BWx, and GW. See Write Cycle Descriptions table.
3.
The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
4.
CE1, CE2, and CE3 are available only in the TQFP package. The BGA package has a single chip select CE1.


Similar Part No. - CY7C1386B-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167AC CYPRESS-CY7C1386C-167AC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167AI CYPRESS-CY7C1386C-167AI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167BG CYPRESS-CY7C1386C-167BG Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386C-167BGC CYPRESS-CY7C1386C-167BGC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1386B-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com