Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1360A-200BGI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1360A-200BGI
Description  256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1360A-200BGI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1360A-200BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1360A-200BGI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CY7C1360A
CY7C1362A
Document #: 38-05258 Rev. *A
Page 7 of 28
(not available for
PBGA)
92
(for TA/A Version
only)
CE3
Input-
Synchronous
Chip Enable: This active LOW input is used to enable the
device. Not available for BG/B and T/AJ package versions.
4F
86
OE
Input
Output Enable: This active LOW asynchronous input
enables the data output drivers.
4G
83
ADV
Input-
Synchronous
Address Advance: This active LOW input is used to
control the internal burst counter. A HIGH on this pin
generates wait cycle (no address advance).
4A
84
ADSP
Input-
Synchronous
Address Status Processor: This active LOW input, along
with CE being LOW, causes a new external address to be
registered and a Read cycle is initiated using the new
address.
4B
85
ADSC
Input-
Synchronous
Address Status Controller: This active LOW input
causes device to be deselected or selected along with new
external address to be registered. A Read or Write cycle
is initiated depending upon Write control inputs.
3R
31
MODE
Input-
Static
Mode: This input selects the burst sequence. A LOW on
this pin selects Linear Burst. An NC or HIGH on this pin
selects Interleaved Burst.
7T
64
ZZ
Input-
Asynchronous
Sleep: This active HIGH input puts the device in low power
consumption standby mode. For normal operation, this
input has to be either LOW or NC (No Connect).
(a) 6D, 7E, 6F, 7G,
6H, 7K, 6L, 6N, 7P
(b) 1D, 2E, 2G, 1H,
2K, 1L, 2M, 1N, 2P
(a) 58, 59, 62, 63,
68, 69, 72, 73, 74
(b) 8, 9, 12, 13, 18,
19, 22, 23, 24
DQa
DQb
Input/
Output
Data Inputs/Outputs: Low Byte is DQa. High Byte is DQb.
Input data must meet set up and hold times around the
rising edge of CLK.
2U
3U
4U
38
39
43
for B and T version
TMS
TDI
TCK
Input
IEEE 1149.1 test inputs. LVTTL-level inputs. Not
available for TA/A package version.
5U
42
for BG/B and T/AJ
version
TDO
Output
IEEE 1149.1 test output. LVTTL-level output. Not
available for TA/A package version.
4C, 2J, 4J, 6J, 4R
15, 41,65, 91
VCC
Supply
Core power supply: +3.3V –5% and +10%
3D, 5D, 3E, 5E, 3F,
5F, 5G, 3H, 5H, 3K,
5K, 3L, 3M, 5M, 3N,
5N, 3P, 5P
5, 10, 17, 21, 26,
40, 55, 60, 67, 71,
76, 90
VSS
Ground
Ground: GND.
1A, 7A, 1F, 7F, 1J, 7J,
1M, 7M, 1U, 7U
4, 11, 20, 27, 54,
61, 70, 77
VCCQ
I/O Power
Supply
Power Supply for the I/O circuitry
1B, 7B, 1C, 7C, 2D,
4D, 7D, 1E, 6E, 2F,
1G, 6G, 2H, 7H, 3J,
5J, 1K, 6K, 2L, 4L, 7L,
6M, 2N, 7N, 1P, 6P,
1R, 5R, 7R, 1T, 4T, 6U
1–3, 6, 7, 14, 16,
25, 28–30, 51–53,
56, 57, 66, 75, 78,
79, 80, 95, 96
38, 39, 42 for TA
Version
NC
No Connect: These signals are not internally connected.
User can leave it floating or connect it to VCC or VSS.
512K × 18 Pin Descriptions (continued)
X18 PBGA Pins
X18 QFP Pins
Name
Type
Description


Similar Part No. - CY7C1360A-200BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B CYPRESS-CY7C1360B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B-166AC CYPRESS-CY7C1360B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B-166AI CYPRESS-CY7C1360B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B-166AJC CYPRESS-CY7C1360B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1360A-200BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com