Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356A-133BGCI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1356A-133BGCI
Description  256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356A-133BGCI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1356A-133BGCI Datasheet HTML 6Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 7Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 8Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 9Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 10Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 11Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 12Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 13Page - Cypress Semiconductor CY7C1356A-133BGCI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CY7C1354A/GVT71256ZC36
CY7C1356A/GVT71512ZC18
Document #: 38-05161 Rev. *B
Page 10 of 31
IEEE 1149.1 Serial Boundary Scan (JTAG)
Overview
This device incorporates a serial boundary scan access port
(TAP). This port is designed to operate in a manner consistent
with IEEE Standard 1149.1-1990 (commonly referred to as
JTAG), but does not implement all of the functions required for
IEEE 1149.1 compliance. Certain functions have been
modified or eliminated because their implementation places
extra delays in the critical speed path of the device. Never-
theless, the device supports the standard TAP controller archi-
tecture (the TAP controller is the state machine that controls
the TAPs operation) and can be expected to function in a
manner that does not conflict with the operation of devices with
IEEE Standard 1149.1 compliant TAPs. The TAP operates
using LVTTL/LVCMOS logic level signaling.
Disabling the JTAG Feature
It is possible to use this device without using the JTAG feature.
To disable the TAP controller without interfering with normal
operation of the device, TCK should be tied LOW (VSS) to
prevent clocking the device. TDI and TMS are internally pulled
up and may be unconnected. They may alternately be pulled
up to VCC through a resistor. TDO should be left unconnected.
Upon power-up the device will come up in a reset state which
will not interfere with the operation of the device.
Test Access Port
TCK–Test Clock (INPUT)
Clocks all TAP events. All inputs are captured on the rising
edge of TCK and all outputs propagate from the falling edge
of TCK.
TMS–Test Mode Select (INPUT)
The TMS input is sampled on the rising edge of TCK. This is
the command input for the TAP controller state machine. It is
allowable to leave this pin unconnected if the TAP is not used.
The pin is pulled up internally, resulting in a logic HIGH level.
TDI–Test Data In (INPUT)
The TDI input is sampled on the rising edge of TCK. This is the
input side of the serial registers placed between TDI and TDO.
The register placed between TDI and TDO is determined by
the state of the TAP controller state machine and the
instruction that is currently loaded in the TAP instruction
register (refer to Figure 1, TAP Controller State Diagram). It is
allowable to leave this pin unconnected if it is not used in an
application. The pin is pulled up internally, resulting in a logic
HIGH level. TDI is connected to the most significant bit (MSB)
of any register (see Figure 2).
TDO–Test Data Out (OUTPUT)
The TDO output pin is used to serially clock data-out from the
registers. The output that is active depending on the state of
the TAP state machine (refer to Figure 1, TAP Controller State
Diagram). Output changes in response to the falling edge of
TCK. This is the output side of the serial registers placed
between TDI and TDO. TDO is connected to the LSB of any
register (see Figure 2).
Performing a TAP Reset
The TAP circuitry does not have a reset pin (TRST, which is
optional in the IEEE 1149.1 specification). A RESET can be
performed for the TAP controller by forcing TMS HIGH (VCC)
for five rising edges of TCK and pre-loads the instruction
register with the IDCODE command. This type of reset does
not affect the operation of the system logic. The reset affects
test logic only.
At power-up, the TAP is reset internally to ensure that TDO is
in a High-Z state.
TAP Registers
Overview
The various TAP registers are selected (one at a time) via the
sequences of ones and zeros input to the TMS pin as the TCK
is strobed. Each of the TAP registers is a serial shift register
that captures serial input data on the rising edge of TCK and
pushes serial data out on subsequent falling edge of TCK.
When a register is selected, it is connected between the TDI
and TDO pins.
Instruction Register
The instruction register holds the instructions that are
executed by the TAP controller when it is moved into the run
test/idle or the various data register states. The instructions
are three bits long. The register can be loaded when it is
placed between the TDI and TDO pins. The parallel outputs of
the instruction register are automatically preloaded with the
IDCODE instruction upon power-up or whenever the controller
is placed in the test-logic reset state. When the TAP controller
is in the Capture-IR state, the two least significant bits of the
serial instruction register are loaded with a binary “01” pattern
to allow for fault isolation of the board-level serial test data
path.
Bypass Register
The bypass register is a single-bit register that can be placed
between TDI and TDO. It allows serial test data to be passed
through the device TAP to another device in the scan chain
with minimum delay. The bypass register is set LOW (VSS)
when the BYPASS instruction is executed.
Boundary Scan Register
The Boundary Scan register is connected to all the input and
bidirectional I/O pins (not counting the TAP pins) on the
device. This also includes a number of NC pins that are
reserved for future needs. There are a total of 70 bits for x36
device and 51 bits for x18 device. The boundary scan register,
under the control of the TAP controller, is loaded with the
contents of the device I/O ring when the controller is in
Capture-DR state and then is placed between the TDI and
TDO pins when the controller is moved to Shift-DR state. The
EXTEST, SAMPLE/ PRELOAD and SAMPLE-Z instructions
can be used to capture the contents of the I/O ring.
The Boundary Scan Order table describes the order in which
the bits are connected. The first column defines the bit’s
position in the boundary scan register. The MSB of the register
is connected to TDI, and LSB is connected to TDO. The
second column is the signal name and the third column is the
bump number. The third column is the TQFP pin number and
the fourth column is the BGA bump number.


Similar Part No. - CY7C1356A-133BGCI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356A-133AC CYPRESS-CY7C1356A-133AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-133AI CYPRESS-CY7C1356A-133AI Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356A-133BGCI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com