Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF15B1.830DS-0.65V51 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DF15B1.830DS-0.65V51
Description  0.65mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF15B1.830DS-0.65V51 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DF15B1.830DS-0.65V51 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF15B1.830DS-0.65V51 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
A286
0.65mm Pitch SMT Board to Board Connector
DF15 Series
sFeatures
1. Compatibility of Miniaturization with Service Efficiency
This series considers the service efficiency to set the pitch to 0.65mm, corresponding to the 0.5mm pitch DF12 series. This connector
widely covers the definition of the mounting space or the board to board size together with the DF12 series.
2. Broad Variations in Board to Board Size
The board to board size is specified at 1mm step between 4mm and 8mm.
3. Correspond to Automatic Mounting
The connector has the vacuum area, which enables the automatic mounting by the embossed tape packaging.
4. Metal Fitting Available
The product including the metal fitting to prevent solder peeling is prepared, considering the mounting on FPC.
Note1: The stacking height is determined by adding the header and receptacle to the figures followed by the product name
DF15#.
Note2: The stacking height (H size) doesn't include the soldering paste thickness.
sApplications
Mobile phone, LCD(Liquid Crystal Display), MO(Optical Disk), Note PC
Header/Receptacle
DF15#(0.8)-*DS-0.65V
DF15#(1.8)-*DS-0.65V
Combinnation with H size Combinnation with H size
DF15#(3.2)-*DP-0.65V
4
5
DF15#(4.2)-*DP-0.65V
5
6
DF15#(6.2)-*DP-0.65V
7
8
Corresponding to automatic mounting
The vacuum area is secured the automatic mounting
machine for vacuum.
Figure 1


Similar Part No. - DF15B1.830DS-0.65V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15B(0.8)-20DS-0.65V(56) HIROSE-DF15B(0.8)-20DS-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15B(0.8)-30DS-0.65V(56) HIROSE-DF15B(0.8)-30DS-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15B(0.8)-40DS-0.65V(56) HIROSE-DF15B(0.8)-40DS-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15B(0.8)-50DS-0.65V(56) HIROSE-DF15B(0.8)-50DS-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15B(1.8)-20DS-0.65V(56) HIROSE-DF15B(1.8)-20DS-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
More results

Similar Description - DF15B1.830DS-0.65V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
logo
SUYIN USA, INC.
650101FA SUYIN-USA-650101FA Datasheet
157Kb / 1P
   0.65mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com