Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1370BV25 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1370BV25
Description  512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370BV25 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1370BV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1370BV25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CY7C1372BV25
CY7C1370BV25
Document #: 38-05252 Rev. **
Page 4 of 26
Pin Configurations (continued)
CY7C1370BV25
165-ball Bump FBGA
CY7C1372BV25
2
3
456
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
DNU
NC
NC
NC
NC
DPb
NC
DQb
ACE1
NC
CE3
BWSbCEN
ACE2
NC
DQb
DQb
MODE
NC
DQb
DQb
NC
NC
NC
32M
64M
VDDQ
NC
BWSa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
DNU
A0
VSS
A
DNU
A
DNU
DQb
VSS
NC
VSS
DQb
NC
VDD
VSS
VSS
VSS
VSS
NC
VSS
A1
DQb
NC
NC
NC
VDDQ
VSS
89
10
11
NC
AA
ADV/LD
A
OE
A
A
128M
VSS
VDDQ
NC
DPa
VDDQ
VDD
NC
DQa
DQa
NC
NC
NC
DQa
NC
VDD
VDDQ
VDD
VDDQ
DQa
VDD
NC
VDD
NC
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
AA
AA
DQa
NC
NC
ZZ
DQa
NC
NC
DQa
A
VDDQ
2
3
456
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
DNU
NC
NC
DPc
DQc
DPd
NC
DQd
ACE1
BWSbCE3
BWScCEN
ACE2
DQc
DQd
DQd
MODE
NC
DQc
DQc
DQd
DQd
DQd
32M
64M
VDDQ
BWSdBWSa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
DNU
A0
VSS
A
DNU
A
DNU
DQc
VSS
DQc
VSS
DQc
DQc
VDD
VSS
VSS
VSS
VSS
NC
VSS
A1
DQd
DQd
NC
NC
VDDQ
VSS
89
10
11
NC
AA
ADV/LD
NC
OE
A
A
128M
VSS
VDDQ
NC
DPb
VDDQ
VDD
DQb
DQb
DQb
NC
DQb
NC
DQa
DQa
VDD
VDDQ
VDD
VDDQ
DQb
VDD
NC
VDD
DQa
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQa
VDDQ
A
A
VSS
AA
AA
DQb
DQb
DQb
ZZ
DQa
DQa
DPa
DQa
A
VDDQ
(512K × 36)–11 × 15 FBGA
(1M × 18)–11 × 15 FBGA


Similar Part No. - CY7C1370BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1370B-133AC CYPRESS-CY7C1370B-133AC Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1370B-133AI CYPRESS-CY7C1370B-133AI Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1370B-133BGC CYPRESS-CY7C1370B-133BGC Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1370B-133BGI CYPRESS-CY7C1370B-133BGI Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1370BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com