Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1366A-166AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1366A-166AC
Description  256K x 36/512K x 18 Pipelined SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1366A-166AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1366A-166AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1366A-166AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
256K x 36/512K x 18 Pipelined SRAM
CY7C1366A/GVT71256C36
CY7C1367A/GVT71512C18
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
June 12, 2001
Features
• Fast access times: 2.5 ns, 3.0 ns, and 3.5 ns
• Fast clock speed: 225 MHz, 200 MHz, 166 MHz, and
150 MHz
•Fast OE access times: 2.5 ns, 3.0 ns, and 3.5 ns
• Optimal for performance (two cycle chip deselect, depth
expansion without wait state)
• 3.3V –5% and +10% power supply
• 3.3V or 2.5V I/O supply
• 5V tolerant inputs except I/Os
• Clamp diodes to VSS at all inputs and outputs
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Multiple chip enables for depth expansion:
three chip enables for TA(GVTI)/A(CY) package version
and two chip enables for B(GVTI)/BG(CY) and
T(GVTI)/AJ(CY) package versions
• Address pipeline capability
• Address, data and control registers
• Internally self-timed Write Cycle
• Burst control pins (interleaved or linear burst
sequence)
• Automatic power-down for portable applications
• JTAG boundary scan for B and T package version
• Low profile 119-bump, 14-mm x 22-mm PBGA (Ball Grid
Array) and 100-pin TQFP packages
Functional Description
The Cypress Synchronous Burst SRAM family employs
high-speed, low power CMOS designs using advanced
triple-layer polysilicon, double-layer metal technology. Each
memory cell consists of four transistors and two high valued
resistors.
The
CY7C1366A/GVT71256C36
and
CY7C1367A/
GVT71512C18 SRAMs integrate 262,144 x 36 and 524,288 x
18 SRAM cells with advanced synchronous peripheral circuitry
and a 2-bit counter for internal burst operation. All synchro-
nous
inputs
are
gated
by
registers
controlled
by
a
positive-edge-triggered Clock Input (CLK). The synchronous
inputs include all addresses, all data inputs, address-pipelin-
ing Chip Enable (CE), depth-expansion Chip Enables (CE2
and CE2), Burst Control Inputs (ADSC, ADSP, and ADV), Write
Enables (BWa, BWb, BWc, BWd, and BWE), and Global Write
(GW). However, the CE2 Chip Enable input is only available for
the TA(GVTI)/A(CY) package version.
Asynchronous inputs include the Output Enable (OE) and
Burst Mode Control (MODE). The data outputs (Q), enabled
by OE, are also asynchronous.
Addresses and chip enables are registered with either Ad-
dress Status Processor (ADSP) or Address Status Controller
(ADSC) input pins. Subsequent burst addresses can be inter-
nally generated as controlled by the Burst Advance Pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed WRITE cycle. WRITE cycles can be one
to four bytes wide, as controlled by the write control inputs.
Individual byte write allows an individual byte to be written.
BWa controls DQa. BWb controls DQb. BWc controls DQc.
BWd controls DQd. BWa, BWb, BWc, and BWd can be active
only with BWE being LOW. GW being LOW causes all bytes
to be written. The x18 version only has 18 data inputs/outputs
(DQa and DQb) along with BWa and BWb (no BWc, BWd,
DQc, and DQd).
For the B(GVTI)/BG(CY) and T(GVTI)/AJ(CY) package ver-
sions, four pins are used to implement JTAG test capabilities:
Test Mode Select (TMS), Test Data-In (TDI), Test Clock (TCK),
and Test Data-Out (TDO). The JTAG circuitry is used to serially
shift data to and from the device. JTAG inputs use
LVTTL/LVCMOS levels to shift data during this testing mode of
operation. The TA package version does not offer the JTAG
capability.
The
CY7C1366A/GVT71256C36
and
CY7C1367A/
GVT71512C18 operate from a +3.3V power supply. All inputs
and outputs are LVTTL compatible.
Selection Guide
7C1366A-225/
71256C36-4.4
7C1367A-225/
71512C18-4.4
7C1366A-200/
71256C36-5
7C1367A-200/
71512C18-5
7C1366A-166/
71256C36-6
7C1367A-166/
71512C18-6
7C1366A-150/
71256C36-6.7
7C1367A-150/
71512C18-6.7
Maximum Access Time (ns)
2.5
3.0
3.5
3.5
Maximum Operating Current (mA)
Commercial
570
510
425
380
Maximum CMOS Standby Current (mA)
10
10
10
10


Similar Part No. - CY7C1366A-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166AC CYPRESS-CY7C1366B-166AC Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166AI CYPRESS-CY7C1366B-166AI Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166BG CYPRESS-CY7C1366B-166BG Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166BGC CYPRESS-CY7C1366B-166BGC Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1366A-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com