Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1363A-133AJC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1363A-133AJC
Description  256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363A-133AJC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1363A-133AJC Datasheet HTML 1Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 2Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 3Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 4Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 5Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 6Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 7Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 8Page - Cypress Semiconductor CY7C1363A-133AJC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CY7C1361A
CY7C1363A
Document #: 38-05259 Rev. *A
Page 2 of 26
Notes:
1.
The Functional Block Diagram illustrates simplified device operation. See Truth Table, pin descriptions and timing diagrams for detailed information.
2.
CE2 is for TA version only.
Functional Block Diagram–256K × 36[1]
Functional Block Diagram—512K × 18[1]
DQ
DQ
BWc
BWE
BWd
BYTE c WRITE
BYTE d WRITE
OUTPUT
REGISTER
OE
ADSP
ADSC
Address
Register
Binary
Counter
& Logic
CLR
A
A1-A0
ADV
MODE
Input
Register
DQa,DQb
DQc,DQd
DQ
DQ
DQ
BWa
BWb
GW
BYTE a WRITE
BYTE b WRITE
CLK
DQ
DQ
ENABLE
Power Down Logic
ZZ
16
CE
CE2
CE2
DQ
DQ
BWb
BWE
BWa
GW
BYTE b
WRITE
BYTE a
WRITE
OUTPUT
REGISTER
OE
ADSP
ADSC
Address
Register
Binary
Counter
& Logic
CLR
A
A1-A0
ADV
MODE
Input
Register
DQa,DQb
DQ
DQ
DQ
ENABLE
Power Down Logic
ZZ
17
CE
CE2
CE2
[2]


Similar Part No. - CY7C1363A-133AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363B CYPRESS-CY7C1363B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AC CYPRESS-CY7C1363B-100AC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AI CYPRESS-CY7C1363B-100AI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AJC CYPRESS-CY7C1363B-100AJC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AJI CYPRESS-CY7C1363B-100AJI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1363A-133AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com