Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16244DGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVCH16244DGG
Description  2.5V/3.3V 16-bit buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16244DGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16244DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16244DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALVC16244/
74ALVCH16244
16-bit buffer/line driver (3-State)
1998 Jun 29
6
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
IBHL2
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V
45
µA
IBHL2
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V
75
150
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V
–75
–175
µA
IBHLO2
Bus hold LOW overdrive current
VCC = 2.7V
300
µA
IBHLO2
Bus hold LOW overdrive current
VCC = 3.6V
450
µA
IBHHO2
Bus hold HIGH overdrive current
VCC = 2.7V
–300
µA
IBHHO2
Bus hold HIGH overdrive current
VCC = 3.6V
–450
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE AND VCC < 2.3V
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7V
VCC = 1.8V
VCC = 1.2V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
TYP1
tPHL/tPLH
Propagation delay
nAn to nYn
1, 3
1.0
1.9
3.7
1.5
2.8
5.1
5.8
ns
tPZH/tPZL
3-State output enable time
nOE to nYn
2, 3
1.0
2.5
4.9
1.5
3.8
7.1
8.4
ns
tPHZ/tPLZ
3-State output disable time
nOE to nYn
2, 3
1.0
2.1
4.1
1.5
3.1
3.5
5.9
ns
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. Typical value is measured at VCC = 2.5V
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nAn to nYn
1, 3
1.0
1.9
3.0
1.0
2.1
3.6
ns
tPZH/tPZL
3-State output enable time
nOE to nYn
2, 3
1.0
2.3
4.0
1.0
2.9
4.9
ns
tPHZ/tPLZ
3-State output disable time
nOE to nYn
2, 3
1.0
2.7
4.1
1.0
3.0
4.5
ns
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. Typical value is measured at VCC = 3.3V


Similar Part No. - 74ALVCH16244DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16244DGG NEXPERIA-74ALVCH16244DGG Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
logo
Texas Instruments
74ALVCH16244DGGRE4 TI-74ALVCH16244DGGRE4 Datasheet
520Kb / 17P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com