Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC16836A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC16836A
Description  20-bit registered driver with inverted register enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16836A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC16836A Datasheet HTML 4Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 5Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 6Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 7Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 8Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 9Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 10Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 11Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC16836A
20-bit registered driver with inverted register enable
(3-State)
2000 Mar 14
9
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 500 Ω
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
RL = 500 Ω
2 * VCC
SV00906
Waveform 7. Load circuitry for switching times


Similar Part No. - 74ALVC16836A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
74ALVC16836ADGG NEXPERIA-74ALVC16836ADGG Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
More results

Similar Description - 74ALVC16836A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com