Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC164245DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC164245DGG
Description  16-bit dual supply translating transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC164245DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC164245DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9397 750 13248
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 1 June 2004
7 of 19
Philips Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
8.
Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability. The maximum junction
temperature of this integrated circuit should not exceed 150
°C.
[2]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[3]
For (T)SSOP48 packages: above 60
°C the value of Ptot derates linearly with 5.5 mW/K.
Table 4:
Function table [1]
Inputs
Outputs
nOE
nDIR
nAn
nBn
L
L
A = B
inputs
L
H
inputs
B = A
HX
Z
Z
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V). See Table note 1.
Symbol
Parameter
Conditions
Min
Max
Unit
VCCB
supply voltage B
port
VCCB ≥ VCCA
−0.5
+6.0
V
VCCA
supply voltage A
port
VCCB ≥ VCCA
−0.5
+4.6
V
IIK
input diode current
VI <0V
-
−50
mA
VI
input voltage
[2]
−0.5
+6.0
V
VI/O
input voltage range
for I/Os
−0.5
VCC + 0.5 V
IOK
output diode
current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
output HIGH or LOW state
[2]
−0.5
VCC + 0.5 V
output 3-state
[2]
−0.5
+6.0
V
IO
output source or
sink current
VO =0Vto VCC
-
±50
mA
ICC, IGND
VCC or GND current
-
±100
mA
Tstg
storage
temperature
−65
+150
°C
Ptot
power dissipation
SSOP and
TSSOP package
Tamb = −40 °C to +125 °C
[3] -
500
mW


Similar Part No. - 74ALVC164245DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
74ALVC164245DGG NXP-74ALVC164245DGG Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245DGG NEXPERIA-74ALVC164245DGG Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245DGG-Q100 NEXPERIA-74ALVC164245DGG-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
Texas Instruments
74ALVC164245DGGRE4 TI-74ALVC164245DGGRE4 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVC164245DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com