Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1361A-117BGC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1361A-117BGC
Description  256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361A-117BGC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1361A-117BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CY7C1361A
CY7C1363A
Document #: 38-05259 Rev. *A
Page 9 of 26
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CEs
, ADSP, and ADSC must remain inactive
for the duration of t
ZZREC after the ZZ input returns LOW.
IEEE 1149.1 Serial Boundary Scan (JTAG)
Overview
This device incorporates a serial boundary scan test access
port (TAP). This port is designed to operate in a manner
consistent with IEEE Standard 1149.1-1990 (commonly
referred to as JTAG), but does not implement all of the
functions required for IEEE 1149.1 compliance. Certain
functions have been modified or eliminated because their
implementation places extra delays in the critical speed path
of the device. Nevertheless, the device supports the standard
TAP controller architecture (the TAP controller is the state
machine that controls the TAPs operation) and can be
expected to function in a manner that does not conflict with the
operation of devices with IEEE Standard 1149.1 compliant
TAPs. The TAP operates using LVTTL/ LVCMOS logic level
signaling.
Disabling the JTAG Feature
It is possible to use this device without using the JTAG feature.
To disable the TAP controller without interfering with normal
operation of the device, TCK should be tied LOW (V
SS) to
prevent clocking the device. TDI and TMS are internally pulled
up and may be unconnected. They may alternately be pulled
up to V
CC through a resistor. TDO should be left unconnected.
Upon power-up the device will come up in a reset state which
will not interfere with the operation of the device.
Test Access Port
TCK–Test Clock (INPUT)
Clocks all TAP events. All inputs are captured on the rising
edge of TCK and all outputs propagate from the falling edge
of TCK.
TMS–Test Mode Select (INPUT)
The TMS input is sampled on the rising edge of TCK. This is
the command input for the TAP controller state machine. It is
allowable to leave this pin unconnected if the TAP is not used.
The pin is pulled up internally, resulting in a logic HIGH level.
TDI–Test Data In (INPUT)
The TDI input is sampled on the rising edge of TCK. This is the
input side of the serial registers placed between TDI and TDO.
The register placed between TDI and TDO is determined by
the state of the TAP controller state machine and the
instruction that is currently loaded in the TAP instruction
register (refer to Figure 1, TAP Controller State Diagram). It is
allowable to leave this pin unconnected if it is not used in an
application. The pin is pulled up internally, resulting in a logic
HIGH level. TDI is connected to the Most Significant Bit (MSB)
of any register (see Figure 2).
TDO–Test Data Out (OUTPUT)
The TDO output pin is used to serially clock data-out from the
registers. The output that is active depending on the state of
the TAP state machine (refer to Figure 1, TAP Controller State
Diagram). Output changes in response to the falling edge of
TCK. This is the output side of the serial registers placed
between TDI and TDO. TDO is connected to the Least Signif-
icant Bit (LSB) of any register (see Figure 2).
Performing a TAP Reset
The TAP circuitry does not have a reset pin (TRST, which is
optional in the IEEE 1149.1 specification). A RESET can be
performed for the TAP controller by forcing TMS HIGH (V
CC)
for five rising edges of TCK and pre-loads the instruction
register with the IDCODE command. This type of reset does
not affect the operation of the system logic. The reset affects
test logic only.
At power-up, the TAP is reset internally to ensure that TDO is
in a High-Z state.
Note:
10. For the X18 product, there are only BWa and BWb.
Partial Truth Table for Read/Write[10]
Function
GW
BWE
BWa
BWb
BWc
BWd
Read
H
H
X
X
X
X
Read
H
L
H
H
H
H
Write one byte
H
L
L
H
H
H
Write all bytes
H
L
L
L
L
L
Write all bytes
L
X
X
X
X
X
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
I
DDZZ
Sleep mode standby current
ZZ > V
DD – 0.2V
10
mA
t
ZZS
Device operation to ZZ
ZZ > V
DD – 0.2V
2t
CYC
ns
t
ZZREC
ZZ recovery time
ZZ < 0.2V
2t
CYC
ns


Similar Part No. - CY7C1361A-117BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AC CYPRESS-CY7C1361B-100AC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AI CYPRESS-CY7C1361B-100AI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AJC CYPRESS-CY7C1361B-100AJC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AJI CYPRESS-CY7C1361B-100AJI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1361A-117BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com