Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1360A-166BGC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1360A-166BGC
Description  256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1360A-166BGC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1360A-166BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 13Page - Cypress Semiconductor CY7C1360A-166BGC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CY7C1360A
CY7C1362A
Document #: 38-05258 Rev. *A
Page 10 of 28
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CEs, ADSP, and ADSC must remain inactive
for the duration of tZZREC after the ZZ input returns LOW.
Partial Truth Table for Read/Write[10]
Function (1360A)
GW
BWE
BWdBWcBWbBWa
Read
1
1
X
X
X
X
Read
1
0
1
1
1
1
Write Byte 0 – DQa
1
0
1
1
1
0
Write Byte 1 – DQb
1
0
1
1
0
1
Write Bytes 1, 0
1
0
1
1
0
0
Write Byte 2 – DQc
1
0
1
0
1
1
Write Bytes 2, 0
1
0
1
0
1
0
Write Bytes 2, 1
1
0
1
0
0
1
Write Bytes 2, 1, 0
1
0
1
0
0
0
Write Byte 3 – DQd
1
0
0
1
1
1
Write Bytes 3, 0
1
0
0
1
1
0
Write Bytes 3, 1
1
0
0
1
0
1
Write Bytes 3, 1, 0
1
0
0
1
0
0
Write Bytes 3, 2
1
0
0
0
1
1
Write Bytes 3, 2, 0
1
0
0
0
1
0
Write Bytes 3, 2, 1
1
0
0
0
0
1
Write All Bytes
1
0
0
0
0
0
Write All Bytes
0
X
X
X
X
X
Function (1362A)
GW
BWE
BWbBWa
Read
1
1
X
X
Read
1
0
1
1
Write Byte 0 – DQ[7:0] and DP0
10
1
0
Write Byte 1 – DQ[15:8] and DP1
10
0
1
Write All Bytes
1
0
0
0
Write All Bytes
0
X
X
X
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
10
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
Note:
10. For the X18 product, there are only BWa and BWb.


Similar Part No. - CY7C1360A-166BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B CYPRESS-CY7C1360B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B-166AC CYPRESS-CY7C1360B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B-166AI CYPRESS-CY7C1360B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360B-166AJC CYPRESS-CY7C1360B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1360A-166BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com