Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1347B-100BGC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1347B-100BGC
Description  128K x 36 Synchronous-Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1347B-100BGC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1347B-100BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1347B-100BGC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C1347B
7
Cycle Descriptions[1, 2, 3]
Next Cycle
Add. Used
ZZ
CE3
CE2
CE1
ADSP
ADSC
ADV
OE
DQ
Write
Unselected
None
L
X
X
1
X
0
X
X
Hi-Z
X
Unselected
None
L
1
X
0
0
X
X
X
Hi-Z
X
Unselected
None
L
X
0
0
0
X
X
X
Hi-Z
X
Unselected
None
L
1
X
0
1
0
X
X
Hi-Z
X
Unselected
None
L
X
0
0
1
0
X
X
Hi-Z
X
Begin Read
External
L010
0
X
X
X
Hi-Z
X
Begin Read
External
L010
1
0
X
X
Hi-Z
Read
Continue Read
Next
L
X
X
X
1
1
0
1
Hi-Z
Read
Continue Read
Next
L
X
X
X
1
1
0
0
DQ
Read
Continue Read
Next
L
X
X
1
X
1
0
1
Hi-Z
Read
Continue Read
Next
L
X
X
1
X
1
0
0
DQ
Read
Suspend Read
Current
L
X
X
X
1
1
1
1
Hi-Z
Read
Suspend Read
Current
L
X
X
X
1
1
1
0
DQ
Read
Suspend Read
Current
L
X
X
1
X
1
1
1
Hi-Z
Read
Suspend Read
Current
L
X
X
1
X
1
1
0
DQ
Read
Begin Write
Current
L
X
X
X
1
1
1
X
Hi-Z
Write
Begin Write
Current
L
X
X
1
X
1
1
X
Hi-Z
Write
Begin Write
External
L010
1
0
X
X
Hi-Z
Write
Continue Write
Next
L
X
X
X
1
1
0
X
Hi-Z
Write
Continue Write
Next
L
X
X
1
X
1
0
X
Hi-Z
Write
Suspend Write
Current
L
X
X
X
1
1
1
X
Hi-Z
Write
Suspend Write
Current
L
X
X
1
X
1
1
X
Hi-Z
Write
ZZ “Sleep”
None
H
XXX
X
X
XX
Hi-Z
X
Notes:
1.
X = “Don't Care,” 1 = HIGH, 0 = LOW.
2.
Write is defined by BWE, BW[3:0], and GW. See Write Cycle Description Table.
3.
The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.


Similar Part No. - CY7C1347B-100BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-166AC CYPRESS-CY7C1347D-166AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-200AC CYPRESS-CY7C1347D-200AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-225BGC CYPRESS-CY7C1347D-225BGC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-250AC CYPRESS-CY7C1347D-250AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
More results

Similar Description - CY7C1347B-100BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com