Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356A Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1356A
Description  256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356A Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1356A Datasheet HTML 1Page - Cypress Semiconductor CY7C1356A Datasheet HTML 2Page - Cypress Semiconductor CY7C1356A Datasheet HTML 3Page - Cypress Semiconductor CY7C1356A Datasheet HTML 4Page - Cypress Semiconductor CY7C1356A Datasheet HTML 5Page - Cypress Semiconductor CY7C1356A Datasheet HTML 6Page - Cypress Semiconductor CY7C1356A Datasheet HTML 7Page - Cypress Semiconductor CY7C1356A Datasheet HTML 8Page - Cypress Semiconductor CY7C1356A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
256K x 36/512K x 18 Pipelined SRAM
with NoBL™ Architecture
CY7C1354A/GVT71256ZC36
CY7C1356A/GVT71512ZC18
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05161 Rev. *B
Revised April 25, 2002
Features
• Zero Bus Latency, no dead cycles between Write and
Read cycles
• Fast clock speed: 200, 166, 133, 100 MHz
• Fast access time: 3.2, 3.6, 4.2, 5.0 ns
• Internally synchronized registered outputs eliminate
the need to control OE
• Single 3.3V –5% and +5% power supply VCC
• Separate VCCQ for 3.3V or 2.5V I/O
• Single WEN (Read/Write) control pin
• Positive clock-edge triggered, address, data, and
control signal registers for fully pipelined applications
• Interleaved or linear four-word burst capability
• Individual byte Write (BWa–BWd) control (may be tied
LOW)
•CEN pin to enable clock and suspend operations
• Three chip enables for simple depth expansion
•Automatic power-down feature available using ZZ mode
or CE select
• JTAG boundary scan
• Low-profile 119-bump, 14-mm × 22-mm BGA (Ball Grid
Array), and 100-pin TQFP packages
Functional Description
The
CY7C1354A/GVT71256ZC36
and
CY7C1356A/
GVT71512ZC18 SRAMs are designed to eliminate dead
cycles when transitioning from Read to Write or vice versa.
These SRAMs are optimized for 100% bus utilization and
achieve Zero Bus Latency
 (ZBL)/No Bus Latency
(NoBL
). They integrate 262,144 × 36 and 524,288 × 18
SRAM cells, respectively, with advanced synchronous
peripheral circuitry and a two-bit counter for internal burst
operation. These employ high-speed, low-power CMOS
designs using advanced triple-layer polysilicon, double-layer
metal technology. Each memory cell consists of four
transistors and two high-valued resistors.
All synchronous inputs are gated by registers controlled by a
positive-edge-triggered clock input (CLK). The synchronous
inputs include all addresses, all data inputs, depth-expansion
Chip Enables (CE, CE2, and CE3), Cycle Start Input (ADV/LD),
Clock Enable (CEN), Byte Write Enables (BWa, BWb, BWc,
and BWd), and Read-Write Control (WEN). BWc and BWd
apply to CY7C1354A/GVT71256ZC36 only.
Address and control signals are applied to the SRAM during
one clock cycle, and two cycles later, its associated data
occurs, either Read or Write.
A
clock
enable
(CEN)
pin
allows
operation
of
the
CY7C1354A/GVT71256ZC36/CY7C1356A/GVT71512ZC18
to be suspended as long as necessary. All synchronous inputs
are ignored when (CEN) is HIGH and the internal device
registers will hold their previous values.
There are three chip enable pins (CE, CE2, CE3) that allow the
user to deselect the device when desired. If any one of these
three are not active when ADV/LD is LOW, no new memory
operation can be initiated and any burst cycle in progress is
stopped. However, any pending data transfers (Read or Write)
will be completed. The data bus will be in high-impedance
state two cycles after chip is deselected or a Write cycle is
initiated.
The
CY7C1354A/GVT71256ZC36
and
CY7C1356A/
GVT71512ZC18 have an on-chip two-bit burst counter. In the
burst
mode,
the
CY7C1354A/GVT71256ZC36
and
CY7C1356A/GVT71512ZC18 provide four cycles of data for a
single address presented to the SRAM. The order of the burst
sequence is defined by the MODE input pin. The MODE pin
selects between linear and interleaved burst sequence. The
ADV/LD signal is used to load a new external address
(ADV/LD = LOW) or increment the internal burst counter
(ADV/LD = HIGH)
Output Enable (OE), Sleep Enable (ZZ) and burst sequence
select (MODE) are the asynchronous signals. OE can be used
to disable the outputs at any given time. ZZ may be tied to
LOW if it is not used.
Four pins are used to implement JTAG test capabilities. The
JTAG circuitry is used to serially shift data to and from the
device. JTAG inputs use LVTTL/LVCMOS levels to shift data
during this testing mode of operation.
Selection Guide
7C1354A-200
71256ZC36-5
7C1356A-200
71512ZC18-5
7C1354A-166
71256ZC36-6
7C1356A-166
71512ZC18-6
7C1354A-133
71256ZC36-7.5
7C1356A-133
71512ZC18-7.5
7C1354A-100
71256ZC36-10
7C1356A-100
71512ZC18-10
Unit
Maximum Access Time
3.2
3.6
4.2
5.0
ns
Maximum Operating Current
Commercial
560
480
410
350
mA
Maximum CMOS Standby Current Commercial
30
30
30
30
mA


Similar Part No. - CY7C1356A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356A-100AC CYPRESS-CY7C1356A-100AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-100BGC CYPRESS-CY7C1356A-100BGC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-133AC CYPRESS-CY7C1356A-133AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-133AI CYPRESS-CY7C1356A-133AI Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-166AC CYPRESS-CY7C1356A-166AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com