Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356A Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1356A
Description  256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356A Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1356A Datasheet HTML 4Page - Cypress Semiconductor CY7C1356A Datasheet HTML 5Page - Cypress Semiconductor CY7C1356A Datasheet HTML 6Page - Cypress Semiconductor CY7C1356A Datasheet HTML 7Page - Cypress Semiconductor CY7C1356A Datasheet HTML 8Page - Cypress Semiconductor CY7C1356A Datasheet HTML 9Page - Cypress Semiconductor CY7C1356A Datasheet HTML 10Page - Cypress Semiconductor CY7C1356A Datasheet HTML 11Page - Cypress Semiconductor CY7C1356A Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C1354A/GVT71256ZC36
CY7C1356A/GVT71512ZC18
Document #: 38-05161 Rev. *B
Page 8 of 31
Notes:
2.
L means logic LOW. H means logic HIGH. X means Don’t Care.
3.
Multiple bytes may be selected during the same cycle.
4.
BWc and BWd apply to 256K × 36 device only.
5.
Upon completion of the Burst sequence, the counter wraps around to its initial state and continues counting.
4, 11, 20, 27,
54, 61, 70, 77
1A, 7A, 1F, 7F,
1J, 7J, 1M, 7M,
1U, 7U
VCCQ
I/O Supply
Output Buffer Supply: +3.3V –0.165V and +0.165V for 3.3V I/O. +2.5V
–0.125V and +0.4V for 2.5V I/O.
1-3, 6, 7, 25,
28-30,
51-53, 56, 57,
75, 78, 79, 84,
95, 96
4A, 1B, 7B, 1C,
7C, 2D, 4D, 7D,
1E, 6E, 2F, 1G,
6G, 2H, 7H, 3J,
5J, 1K, 6K, 2L,
4L, 7L, 6M, 2N,
7N, 1P, 6P, 1R,
7R, 1T, 4T, 6U
NC
No Connect: These signals are not internally connected. It can be left
floating or be connected to VCC or to GND.
Pin Descriptions—512K × 18 (continued)
512K × 18
TQFP Pins
512K × 18
PBGA Pins
Pin
Name
Type
Pin Description
Partial Truth Table for Read/Write[2]
Function
WEN
BWa
BWb
BWc[4]
BWd[4]
Read
H
X
X
X
X
No Write
L
HH
HH
Write Byte a (DQa)[3]
LL
H
H
H
Write Byte b (DQb)[3]
LH
LH
H
Write Byte c (DQc)[3]
LH
H
L
H
Write Byte d (DQd}[3]
LH
H
H
L
Write all bytes
L
L
L
L
L
Interleaved Burst Address Table
(MODE = VCC or NC)
First
Address
(external)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)[5]
A...A00
A...A01
A...A10
A...A11
A...A01
A...A00
A...A11
A...A10
A...A10
A...A11
A...A00
A...A01
A...A11
A...A10
A...A01
A...A00
Linear Burst Address Table
(MODE = VSS)
First
Address
(external)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)[5]
A...A00
A...A01
A...A10
A...A11
A...A01
A...A10
A...A11
A...A00
A...A10
A...A11
A...A00
A...A01
A...A11
A...A00
A...A01
A...A10


Similar Part No. - CY7C1356A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356A-100AC CYPRESS-CY7C1356A-100AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-100BGC CYPRESS-CY7C1356A-100BGC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-133AC CYPRESS-CY7C1356A-133AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-133AI CYPRESS-CY7C1356A-133AI Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-166AC CYPRESS-CY7C1356A-166AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com