Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1347B-133BGC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1347B-133BGC
Description  128K x 36 Synchronous-Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1347B-133BGC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1347B-133BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1347B-133BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY7C1347B
5
Introduction
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock.
Maximum access delay from the clock rise (tCO) is 3.5 ns
(166-MHz device).
The CY7C1347B supports secondary cache in systems utiliz-
ing either a linear or interleaved burst sequence. The inter-
leaved burst order supports Pentium and i486 processors. The
linear burst sequence is suited for processors that utilize a
linear burst sequence. The burst order is user selectable, and
is determined by sampling the MODE input. Accesses can be
initiated with either the Processor Address Strobe (ADSP) or
the Controller Address Strobe (ADSC). Address advancement
through the burst sequence is controlled by the ADV input. A
two-bit on-chip wraparound burst counter captures the first ad-
dress in a burst sequence and automatically increments the
address for the rest of the burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BW[3:0]) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip synchro-
nous self-timed write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank se-
lection and output three-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
This access is initiated when the following conditions are sat-
isfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2)
CE1, CE2, CE3 are all asserted active, and (3) the write signals
(GW, BWE) are all deasserted HIGH. ADSP is ignored if CE1
is HIGH. The address presented to the address inputs (A[16:0])
is stored into the address advancement logic and the Address
Register while being presented to the memory core. The cor-
responding data is allowed to propagate to the input of the
Output Registers. At the rising edge of the next clock the data
is allowed to propagate through the Output Register and onto
the data bus within 3.5 ns (166-MHz device) if OE is active
LOW. The only exception occurs when the SRAM is emerging
from a deselected state to a selected state, its outputs are
always three-stated during the first cycle of the access. After
the first cycle of the access, the outputs are controlled by the
OE signal. Consecutive single read cycles are supported.
Once the SRAM is deselected at clock rise by the chip select
and either ADSP or ADSC signals, its output will three-state
immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and (2)
CE1, CE2, CE3 are all asserted active. The address presented
to A[16:0] is loaded into the Address Register and the address
advancement logic while being delivered to the RAM core. The
write signals (GW, BWE, and BW[3:0]) and ADV inputs are ig-
nored during this first cycle.
ADSP-triggered write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQ[31:0] and DP[3:0] inputs is written into
the corresponding address location in the RAM core. If GW is
HIGH, then the write operation is controlled by BWE and
BW[3:0] signals. The CY7C1347B provides byte write capabil-
ity that is described in the Write Cycle Description table. As-
serting the Byte Write Enable input (BWE) with the selected
Byte Write (BW[3:0]) input will selectively write to only the de-
sired bytes.
Bytes not selected during a byte write operation will remain
unaltered. A synchronous self-timed write mechanism has
been provided to simplify the write operations.
Because the CY7C1347B is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting data
to the DQ[31:0] and DP[3:0] inputs. Doing so will three-state the
output drivers. As a safety precaution, DQ[31:0] and DP[3:0] are
automatically three-stated whenever a write cycle is detected,
regardless of the state of OE.
Single Write Accesses Initiated by ADSC
ADSC write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deasserted HIGH, (3) CE1, CE2, CE3 are all asserted active,
and (4) the appropriate combination of the write inputs (GW,
BWE, and BW[3:0]) are asserted active to conduct a write to
the desired byte(s). ADSC-triggered write accesses require a
single clock cycle to complete. The address presented to
A[16:0] is loaded into the address register and the address ad-
vancement logic while being delivered to the RAM core. The
ADV input is ignored during this cycle. If a global write is con-
ducted, the data presented to the DQ[31:0] and DP[3:0] is written
into the corresponding address location in the RAM core. If a
byte write is conducted, only the selected bytes are written.
Bytes not selected during a byte write operation will remain
unaltered. A synchronous self-timed write mechanism has
been provided to simplify the write operations.
Because the CY7C1347B is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting data
to the DQ[31:0] and DP[3:0] inputs. Doing so will three-state the
output drivers. As a safety precaution, DQ[31:0] and DP[3:0] are
automatically three-stated whenever a write cycle is detected,
regardless of the state of OE.
Burst Sequences
The CY7C1347B provides a two-bit wraparound counter, fed
by A[1:0], that implements either an interleaved or linear burst
sequence. The interleaved burst sequence is designed specif-
ically to support Intel Pentium applications. The linear burst
sequence is designed to support processors that follow a lin-
ear burst sequence. The burst sequence is user-selectable
through the MODE input.
Asserting ADV LOW at clock rise will automatically increment
the burst counter to the next address in the burst sequence.
Both read and write burst operations are supported.


Similar Part No. - CY7C1347B-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-166AC CYPRESS-CY7C1347D-166AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-200AC CYPRESS-CY7C1347D-200AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-225BGC CYPRESS-CY7C1347D-225BGC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-250AC CYPRESS-CY7C1347D-250AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
More results

Similar Description - CY7C1347B-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com