Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1347B Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1347B
Description  128K x 36 Synchronous-Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1347B Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1347B Datasheet HTML 4Page - Cypress Semiconductor CY7C1347B Datasheet HTML 5Page - Cypress Semiconductor CY7C1347B Datasheet HTML 6Page - Cypress Semiconductor CY7C1347B Datasheet HTML 7Page - Cypress Semiconductor CY7C1347B Datasheet HTML 8Page - Cypress Semiconductor CY7C1347B Datasheet HTML 9Page - Cypress Semiconductor CY7C1347B Datasheet HTML 10Page - Cypress Semiconductor CY7C1347B Datasheet HTML 11Page - Cypress Semiconductor CY7C1347B Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY7C1347B
8
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage on VDD Relative to GND .........−0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[7]
....................................... −0.5V to V
DD + 0.5V
DC Input Voltage[7]
.................................... −0.5V to V
DD + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Notes:
4.
X = “Don't Care,” 1 = Logic HIGH, 0 = Logic LOW.
5.
The SRAM always initiates a read cycle when ADSP asserted, regardless of the state of GW, BWE, or BW[3:0]. Writes may occur only on subsequent clocks
after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to three-state. OE is
a don't care for the remainder of the write cycle.
6.
OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQ[31:0];DP[3:0] = High-Z when OE is
inactive or when the device is deselected, and DQ[31:0];DP[3:0] = data when OE is active.
7.
Minimum voltage equals
−2.0V for pulse durations of less than 20 ns.
8.
TA is the case temperature.
Write Cycle Description[4, 5, 6]
Function
GW
BWE
BW3
BW2
BW1
BW0
Read
1
1
XX
XX
Read
10
11
11
Write Byte 0 - DQ[7:0]
10
11
10
Write Byte 1 - DQ[15:8]
10
11
01
Write Bytes 1, 0
1
01
10
0
Write Byte 2 - DQ[23:16]
10
10
11
Write Bytes 2, 0
1
01
01
0
Write Bytes 2, 1
1
01
00
1
Write Bytes 2, 1, 0
1
0
1
0
0
0
Write Byte 3 - DQ[31:24]
10
01
11
Write Bytes 3, 0
1
00
11
0
Write Bytes 3, 1
1
00
10
1
Write Bytes 3, 1, 0
1
0
0
1
0
0
Write Bytes 3, 2
1
00
01
1
Write Bytes 3, 2, 0
1
0
0
0
1
0
Write Bytes 3, 2, 1
1
0
0
0
0
1
Write All Bytes
1
0
0
0
0
0
Write All Bytes
0
X
X
X
X
X
Operating Range
Range
Ambient
Temperature[8]
VDD
VDDQ
Com’l
0
°C to +70°C
3.3V
−5%/+10%
2.5V
−5%
3.3V /+10%
Ind’l
–40
°C to +85°C


Similar Part No. - CY7C1347B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-166AC CYPRESS-CY7C1347D-166AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-200AC CYPRESS-CY7C1347D-200AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-225BGC CYPRESS-CY7C1347D-225BGC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-250AC CYPRESS-CY7C1347D-250AC Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
More results

Similar Description - CY7C1347B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com