Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1339B-133BGI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1339B-133BGI
Description  128K x 32 Synchronous Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339B-133BGI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1339B-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 13Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CY7C1339B
Document #: 38-05141 Rev. *A
Page 10 of 17
Switching Characteristics Over the Operating Range[10, 12, 13]
Parameter
Description
-166
-133
-100
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tCYC
Clock Cycle Time
6.0
7.5
10
ns
tCH
Clock HIGH
1.7
1.9
3.5
ns
tCL
Clock LOW
1.7
1.9
3.5
ns
tAS
Address Set-Up Before CLK Rise
1.5
1.5
1.5
ns
tAH
Address Hold After CLK Rise
0.5
0.5
0.5
ns
tCO
Data Output Valid After CLK Rise
3.5
4.0
5.5
ns
tDOH
Data Output Hold After CLK Rise
1.5
2.0
2.0
ns
tADS
ADSP, ADSC Set-up Before CLK Rise
2.0
2.5
2.5
ns
tADH
ADSP, ADSC Hold After CLK Rise
0.5
0.5
0.5
ns
tWES
BWE, GW, BW[3:0] Set-up Before CLK Rise
2.0
2.5
2.5
ns
tWEH
BWE, GW, BW[3:0] Hold After CLK Rise
0.5
0.5
0.5
ns
tADVS
ADV Set-Up Before CLK Rise
2.0
2.5
2.5
ns
tADVH
ADV Hold After CLK Rise
0.5
0.5
0.5
ns
tDS
Data Input Set-up Before CLK Rise
1.5
1.5
1.5
ns
tDH
Data Input Hold After CLK Rise
0.5
0.5
0.5
ns
tCES
Chip Select Set-up
2.0
2.5
2.5
ns
tCEH
Chip Select Hold After CLK Rise
0.5
0.5
0.5
ns
tCHZ
Clock to High-Z[12]
3.5
3.5
3.5
ns
tCLZ
Clock to Low-Z[12]
0
0
0
ns
tEOHZ
OE HIGH to Output High-Z[12, 13]
3.5
3.5
5.5
ns
tEOLZ
OE LOW to Output Low-Z[12, 13]
0
0
0
ns
tEOV
OE LOW to Output Valid[12]
3.5
4.0
5.5
ns
Notes:
11.
Unless otherwise noted, test conditions assume signal transition time of 3.0/2.5 ns or less, timing reference levels of 1.5/1.25V, input pulse levels of 0 to
3.0/2.5V for 3.3/2.5V VDDQ respectively, and output loading of the specified IOL/IOH and load capacitance. Shown in (a) and (c) of AC test loads diagram.
12. tCHZ, tCLZ, tEOV, tEOLZ, and tEOHZ are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ± 200 mv from
steady-state voltage.
13. At any given voltage and temperature, tEOHZ is less than tEOLZ and tCHZ is less than tCLZ.


Similar Part No. - CY7C1339B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AC CYPRESS-CY7C1339F-100AC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AI CYPRESS-CY7C1339F-100AI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGC CYPRESS-CY7C1339F-100BGC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGI CYPRESS-CY7C1339F-100BGI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
logo
Integrated Device Techn...
IDT71F432 IDT-IDT71F432 Datasheet
40Kb / 5P
   32k X 32 mcACHE synchronous pipelined cache ram
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com