Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82J-60012 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S82J-60012
Description  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-60012 Datasheet(HTML) 3 Page - Omron Electronics LLC

  S82J-60012 Datasheet HTML 1Page - Omron Electronics LLC S82J-60012 Datasheet HTML 2Page - Omron Electronics LLC S82J-60012 Datasheet HTML 3Page - Omron Electronics LLC S82J-60012 Datasheet HTML 4Page - Omron Electronics LLC S82J-60012 Datasheet HTML 5Page - Omron Electronics LLC S82J-60012 Datasheet HTML 6Page - Omron Electronics LLC S82J-60012 Datasheet HTML 7Page - Omron Electronics LLC S82J-60012 Datasheet HTML 8Page - Omron Electronics LLC S82J-60012 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Switch mode Power Supply
S82J
L-81
I DIN Track Mounting Bracket Type
Configuration
Input Voltage
Power
ratings
Output
voltage
Output
current
Front terminals
Top terminals
Connector
Open-frame type 100 to 240 VAC 10 W
5 V
2 A
S82J-01005AD
---
---
12 V
1 A
S82J-01012AD
---
---
15 V
0.7 A
S82J-01015AD
---
---
24 V
0.5 A
S82J-01024AD
---
---
25 W
5 V
5 A
S82J-02505AD
---
---
12 V
2.1 A
S82J-02512AD
---
---
15 V
1.7 A
S82J-02515AD
---
---
24 V
1.1 A
S82J-02524AD
---
---
50 W
5 V
10 A
S82J-05005AD
---
---
12 V
4.2 A
S82J-05012AD
---
---
24 V
2.1 A
S82J-05024AD
---
---
100 or 200 VAC
(selected
automatically)
100 W
5 V
20 A
S82J-10005AD
S82J-10005BD
S82J-10005CD
12 V
8.5 A
S82J-10012AD
S82J-10012BD
S82J-10012CD
15 V
7 A
S82J-10015AD
S82J-10015BD
S82J-10015CD
100 to 240 VAC
24 V
4.5 A
S82J-10024AD
---
---
100 or 200 VAC
(selected
automatically)
150 W
24 V
6.5 A
S82J-15024AD
S82J-15024BD
S82J-15024CD
Covered type
100 to 240 VAC 10 W
5 V
2 A
S82J-01005DD
---
---
12 V
1 A
S82J-01012DD
---
---
15 V
0.7 A
S82J-01015DD
---
---
24 V
0.5 A
S82J-01024DD
---
---
25 W
5 V
5 A
S82J-02505DD
---
---
12 V
2.1 A
S82J-02512DD
---
---
15 V
1.7 A
S82J-02515DD
---
---
24 V
1.1 A
S82J-02524DD
---
---
50 W
5 V
10 A
S82J-05005DD
---
---
12 V
4.2 A
S82J-05012DD
---
---
24 V
2.1 A
S82J-05024DD
---
---
100 or 200 VAC
(selected
automatically)
100 W
5 V
20 A
S82J-10005DD
S82J-10005ED
S82J-10005FD
12 V
8.5 A
S82J-10012DD
S82J-10012ED
S82J-10012FD
15 V
7 A
S82J-10015DD
S82J-10015ED
S82J-10015FD
100 to 240 VAC
24 V
4.5 A
S82J-10024DD
---
---
100 or 200 VAC
(selected
automatically)
150 W
24 V
6.5 A
S82J-15024DD
S82J-15024ED
S82J-15024FD


Similar Part No. - S82J-60012

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82J-60012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com