Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1338B-100AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1338B-100AC
Description  128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1338B-100AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1338B-100AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1338B-100AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY7C1338B
Document #: 38-05143 Rev. **
Page 9 of 18
Capacitance[8]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 5.0V
5.0
pF
CI/O
I/O Capacitance
8.0
pF
AC Test Loads and Waveforms
3.0V
GND
90%
10%
90%
10%
≤ 3.0 ns
≤ 3.0 ns
OUTPUT
R1=317
R2=351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
ALL INPUT PULSES
OUTPUT
RL =50 Ω
Z0 =50Ω
VL =1.5V
3.3V
Switching Characteristics Over the Operating Range[9]
Parameter
Description
-117
-100
Min.
Max.
Min.
Max.
Unit
tCYC
Clock Cycle Time
8.5
10
ns
tCH
Clock HIGH
3.0
4.0
ns
tCL
Clock LOW
3.0
4.0
ns
tAS
Address Set-Up Before CLK Rise
1.5
1.5
ns
tAH
Address Hold After CLK Rise
0.5
0.5
ns
tCDV
Data Output Valid After CLK Rise
7.5
8.0
ns
tDOH
Data Output Hold After CLK Rise
2.0
2.0
ns
tADS
ADSP, ADSC Set-Up Before CLK Rise
2.0
2.0
ns
tADH
ADSP, ADSC Hold After CLK Rise
0.5
0.5
ns
tWES
BWS[1:0], GW,BWE Set-Up Before CLK Rise
2.0
2.0
ns
tWEH
BWS[1:0], GW,BWE Hold After CLK Rise
0.5
0.5
ns
tADVS
ADV Set-Up Before CLK Rise
2.0
2.0
ns
tADVH
ADV Hold After CLK Rise
0.5
0.5
ns
tDS
Data Input Set-Up Before CLK Rise
1.5
1.5
ns
tDH
Data Input Hold After CLK Rise
0.5
0.5
ns
tCES
Chip Enable Set-Up
2.0
2.0
ns
tCEH
Chip Enable Hold After CLK Rise
0.5
0.5
ns
tCHZ
Clock to High-Z[10, 11]
3.5
3.5
ns
tCLZ
Clock to Low-Z[10, 11]
00
ns
tEOHZ
OE HIGH to Output High-Z[10, 12]
3.5
3.5
ns
tEOLZ
OE LOW to Output Low-Z[10, 12]
00
ns
tEOV
OE LOW to Output Valid
3.5
3.5
ns
Notes:
8.
Tested initially and after any design or process changes that may affect these parameters.
9.
Unless otherwise noted, test conditions assume signal transition time of 2.5 ns or less, timing reference levels of 1.25V, input pulse levels of 0 to 2.5V, and
output loading of the specified IOL/IOH and load capacitance. Shown in (a) and (b) of AC test loads.
10. tCHZ, tCLZ, tEOHZ, and tEOLZ are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state voltage.
11. At any given voltage and temperature, tCHZ (max) is less than tCLZ (min).
12. This parameter is sampled and not 100% tested.


Similar Part No. - CY7C1338B-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338 CYPRESS-CY7C1338 Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338-100AC CYPRESS-CY7C1338-100AC Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338-117AC CYPRESS-CY7C1338-117AC Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338-50AC CYPRESS-CY7C1338-50AC Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
More results

Similar Description - CY7C1338B-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Alliance Semiconductor ...
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com