Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSX-750PJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSX-750PJ
Description  CSX-750P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSX-750PJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSX-750PJ Datasheet HTML 1Page - List of Unclassifed Manufacturers CSX-750PJ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSX-750P series
(2,000pcs/reel)
FEATURES:
Precision PLL technology enables up to 125MHz high frequency
output.
Quick delivery of specific frequency.
Ultra-miniature low profile SMT package.
Ceramic leadless chip carrier with seam-welded metal lid.
Supply voltage 5.0V and 3.3V.
Output enable function.
Reflow soldering.
Tape and reel packaging.
APPLICATIONS:
Can be used for a wide range of applications including use in
communication equipment, AV equipment, OA equipment and
measuring instruments.
STANDARD SPECIFICATIONS
Item
OE
CSX-750PT(*)
CSX-750PC(*)
CSX-750PB(*)
STAND-BY
CSX-750PK(*)
CSX-750PD(*)
CSX-750PJ(*)
Frequency range
1.000MHz to 125.000MHz
1.000MHz to
100.000MHz
Frequency
stability
C:±100ppm B:±50ppm (-20°C to +70°C) F:±100ppm (-40°C to +85°C)
Operating temperature range
-20°C to +70°C
(-40°C to +85°C)
Storage temperature range
-55°C to +125°C
Supply voltage
VDD: 5.0V±0.5V
VDD: 3.3V±0.3V
Supply current
45mA Max.
25mA Max
Duty
TTL level(1.4V)
CMOS level
(VDD/2)
45% to 55%
45% to 55%
Output voltage
VOH
VOL
2.4V Min
0.4V Max
VDD–0.4V Min
0.4V Max
Output load
TTL
5TTL Max.
Output load
CMOS
25pF Max.
15pF Max.
Rise & Fall time
TTL
CMOS
tr, tf: 4nsec Max.
tr, tf: 4nsec Max.
Start up time
10msec Max.
Input (OE) voltage
VIH : 2.0V Min.
VIL : 0.8V Max.
VIH : 0.7VDD Min.
VIL : 0.2VDD Max.
Disable current
30mA Max.
15mA Max.
Stand-by current
50µA Max.
20µA Max.
Shock resistance
±20ppm MAX. (75cm height drop on hardwood board 3 times.)
Page 1 of 2
Citizen Crystals and Oscillators - CMX-750P series
1/10/2003
http://www.citizencrystal.com/quartz/oscillators/csx750p_d.htm


Similar Part No. - CSX-750PJ

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CSX-750A CITIZEN-CSX-750A Datasheet
133Kb / 3P
   Citizen Crystals and Oscillators
CSX-750AB CITIZEN-CSX-750AB Datasheet
133Kb / 3P
   Citizen Crystals and Oscillators
CSX-750AC CITIZEN-CSX-750AC Datasheet
133Kb / 3P
   Citizen Crystals and Oscillators
CSX-750AD CITIZEN-CSX-750AD Datasheet
133Kb / 3P
   Citizen Crystals and Oscillators
CSX-750AJ CITIZEN-CSX-750AJ Datasheet
133Kb / 3P
   Citizen Crystals and Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com