Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C026A Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C026A
Description  16K x 16/18 Dual-Port Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C026A Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C026A Datasheet HTML 1Page - Cypress Semiconductor CY7C026A Datasheet HTML 2Page - Cypress Semiconductor CY7C026A Datasheet HTML 3Page - Cypress Semiconductor CY7C026A Datasheet HTML 4Page - Cypress Semiconductor CY7C026A Datasheet HTML 5Page - Cypress Semiconductor CY7C026A Datasheet HTML 6Page - Cypress Semiconductor CY7C026A Datasheet HTML 7Page - Cypress Semiconductor CY7C026A Datasheet HTML 8Page - Cypress Semiconductor CY7C026A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY7C026A
CY7C036A
5
Notes:
6.
fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level
standby ISB3.
7.
Tested initially and after any design or process changes that may affect these parameters.
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C026A
CY7C036A
Unit
-12[1]
-15
-20
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage (VCC=Min., IOH=
–4.0 mA)
2.4
2.4
2.4
V
VOL
Output LOW Voltage (VCC=Min., IOH=
+4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
µA
ICC
Operating Current (VCC = Max.,
IOUT = 0 mA) Outputs Disabled
Com’l.
195
325
190
285
180
275
mA
Indust.
215
305
mA
ISB1
Standby Current
(Both Ports TTL Level)
CEL & CER ≥ VIH, f = fMAX
Com’l.
55
75
50
70
45
65
mA
Indust.
65
95
mA
ISB2
Standby Current
(One Port TTL Level)
CEL | CER ≥ VIH, f = fMAX
Com’l.
125
205
120
180
110
160
mA
Indust.
135
205
mA
ISB3
Standby Current
(Both Ports CMOS Level)
CEL & CER ≥ VCC–0.2V, f = 0
Com’l.
0.05
0.5
0.05
0.5
0.05
0.5
mA
Indust.
0.05
0.5
mA
ISB4
Standby Current
(One Port CMOS Level)
CEL | CER ≥ VIH, f = fMAX
[6]
Com’l.
115
185
110
160
100
140
mA
Indust.
125
175
mA
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C026A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C026A-12AC CYPRESS-CY7C026A-12AC Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C026A-15AC CYPRESS-CY7C026A-15AC Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C026A-15AI CYPRESS-CY7C026A-15AI Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C026A-15AXC CYPRESS-CY7C026A-15AXC Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C026A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_05 Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com