Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX240A5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CX240A5
Description  5Amp 120/240, 380, 480 Vac AC Output SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX240A5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CX240A5 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX240A5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.0
6.0
3.0
1.0
2.0
4.0
0
20
40
60
80
AMBIENT TEMPERATURE [˚C]
Max. Load Current vs. Temp.
G E N E R A L SPE C I F I C A T ION S
Dielectric Strength 50/60Hz Input/Output/Base
4000 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
10 pF
Ambient Operating Temperature Range
-30 to 80ºC
Ambient Storage Temperature Range
-30 to 125ºC
M E C HANI C A L SPE C I F I C A T ION S
Weight: (typical)
0.4 oz. (11g)
Encapsulation:
Thermally Conductive Epoxy
FastFax Document No.107
SERIES CX.
Rev. 012402
PAGE 2 OF 2
C U RR E N T D E R A T IN G C U R V E
Series CX
5Amp • 120/240, 380, 480 Vac • AC Output SIP
©2001 CRYDOM CORP, Specifications subject to change without notice.
AVAILABLE OPTIONS
R
Random Turn-On Switching
Example: CX240D5 R, CX240A5 R
APPROVALS
UL
E116949
CSA
LR81689
VDE 70938
UG (240V, 380V, DC Control Only)
All dimensions are in inches (millimeters)
1.00
MAX.
(25.4)
.700
(17.8)
1.100
(27.9)
1.70
(43.1)
.050
TYP.
(1.3)
CONTROL
LOAD
.300 (7.6)
.100
(2.5)
.040 (1.0) DIA.
(4 PLACES)
.200
(5.1)
.300 TYP.
(7.6)
43
2
1
AC CONTROL
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: AC CONTROL
PIN 4: AC CONTROL
DC CONTROL
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: +DC CONTROL
PIN 4: -DC CONTROL
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - CX240A5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240A5 CRYDOM-CX240A5 Datasheet
483Kb / 4P
   PCB Mount
CX240A5 CRYDOM-CX240A5 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
CX240A5 CRYDOM-CX240A5 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CX240A5 CRYDOM-CX240A5 Datasheet
744Kb / 5P
   PCB Mount
CX240A5 CRYDOM-CX240A5 Datasheet
593Kb / 5P
   PCB Mount
More results

Similar Description - CX240A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
   Up to 25Amp 120/240, 380, 480 Vac AC Output
A24110 ETC2-A24110 Datasheet
81Kb / 2P
   120/240, 480 Vac / AC Output
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
   5-18Amp 120/240, 480 Vac AC Output
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
   25-40Amp 120/240, 480 Vac AC OUTPUT
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
   2-3.5 Amps 120/240 Vac AC Output SIP
AO241 ETC1-AO241 Datasheet
23Kb / 1P
   1.0-2.0 Amp 120/240 Vac AC Output MINI-SIP
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
   20Amp 120/240 Vac AC Output
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
   10-90Amp 120/240 Vac AC OUTPUT
S218 ETC1-S218 Datasheet
23Kb / 1P
   8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com