Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0640SA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CR0640SA
Description  Thyristors (SiBOD Breakover Devices)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CR0640SA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CR0640SA Datasheet HTML 1Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 2Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 3Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 4Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 5Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 6Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 7Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 8Page - List of Unclassifed Manufacturers CR0640SA Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4
To Order: 1-877-502-5500 Fax: 1-858-715-7280
IRM
IBO
IH
IT
VRM
VT
VBR
MIN.
VBO
V-I Graph Illustrating Symbols and Terms
for the SiBOD Surge Protection Devices
Thyristors (SiBOD Breakover Devices)
SiBOD
Series
ELECTRICAL CHARACTERISTICS
(Tj = 25°C)
SYMBOL
PARAMETER
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO/VS
Breakover voltage
VT
On-state voltage
IRM
Stand-off current
IBO
Breakover current
IH
Holding current
Co
Off state Capacitance
Ipp
Peak pulse current
PARAMETER
Storage and operating junction
temperature range
Maximum temperature for soldering
(For period of 10 seconds max.)
Maximum case temperature
VALUE
ABSOLUTE RATINGS
SYMBOL
T stg
Tj
TL
TC
30
100
50
10
20
30
40
50
60
70
90
tr
t1
t2
td = 50
µs
VRSM
VRSM
tr=1.67 x (t2-t1)=1.2µs
Time (
µs)
10
100
50
10
2 0
30
40
50
90
t1
t2
tr
1RSM
1RSM
1SM
tr = 1.25 x (t2-t1) = 8 µs
td=
20
µs
or
Time (
µs)
DO-214
-40 to 150
150
230
75
TO-220
-40 to 150
150
230
115
T10
-40 to 150
150
230
75
UNIT


Similar Part No. - CR0640SA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR0640SA LITTELFUSE-CR0640SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
More results

Similar Description - CR0640SA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com