Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60DCF6B Datasheet(PDF) 1 Page - Tyco Electronics

Part # 60DCF6B
Description  RFI Power Line Filters for DC Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

60DCF6B Datasheet(HTML) 1 Page - Tyco Electronics

  60DCF6B Datasheet HTML 1Page - Tyco Electronics 60DCF6B Datasheet HTML 2Page - Tyco Electronics 60DCF6B Datasheet HTML 3Page - Tyco Electronics 60DCF6B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CORCOM Product Guide
RFI Power Line Filters for DC Applications
142
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
DC Series
DC Series
The DC series filters were designed as general purpose
line filters for DC applications. They are available with or
without circuit breakers for extra protection. They are
available with feed-through capacitors for added high
frequency performance. The DC series is designed to
comply with UL 1283, CSA 22.2 No. 8 and EN60950.
The DC series was developed in response to the
increasing demand for DC filtering in the telecom-datacom
market. These filters are generally used in central office
equipment like switches, routers, and hubs to clean up the
48 VDC power, but are not exclusive to that equipment.
They can also be used at the primary input of the DC
power supply.
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating Voltage (max):
80 VDC
Operating Ambient Temperature Range:
(@ rated current Ir)
-10
˚C to +55˚C
In an ambient, Ta, higher than +55˚C, the maximum
operating current, Io, is as follows:
Specifications
Electrical Schematics
Standard Performance Version
High Frequency Performance Version
Note 1
Note 2
Note 3
Note 4
Note 1
LINE
LOAD
Note 3
Note 2
Note 4
Note 1
LINE
LOAD
Minimum insertion loss in dB:
Standard Performance
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating .01 .05
.1
.15
.5
1
3
5
10
30
15A
-
1
12
20
41
45
61
63
47
39
30A
-
4
15
23
47
59
64
56
44
36
60A
-
-
9
17
38
40
59
50
39
34
100A
-
-
10
18
38
39
53
50
35
21
125A
-
-
12
18
30
32
44
49
29
18
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating .01 .05
.1
.15
.5
1
3
5
10
30
15A
7
22
27
30
30
36
56
49
38
31
30A
7
22
28
31
32
59
56
51
41
28
60A
15
30
36
40
40
35
60
51
39
32
100A
14
29
35
39
33
30
53
53
41
30
125A
14
24
35
39
40
28
53
60
42
33
High Frequency Performance ("F" & "BF" Styles)
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
50 300
to
to
Rating .01 .05 .1 .15 .5
1
3
5
10 20 300 3000
15A
-
1
12 20 41 45 55 50 45 25 50
30
30A
-
4
15 20 46 58 60 60 48 35 50
30
60A
-
-
9 1638 4252 60 48 2640
30
100A
-
-
9 16 38 42 52 60 42 26 40
30
125A
-
-
9 16 28 34 46 54 34 34 40
30
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating .01 .05
.1
.15
.5
1
3
5
10
20
15A
7
22
2730
30
50
6060
60
36
30A
7
22
2730
33
56
6060
60
40
60A
15
30
36
40
37
26
46
54
48
30
100A
14
29
35
39
33
30
56
53
41
30
125A
14
29
35
39
40
28
53
60
42
33
UL Recognized
CSA Certified
TUV Approved
EN
60 950
Resistor location for reference only.
Note 1: Depicts redundant style 6 terminals.
Note 2: Depicts optional circuit breaker.
Note 3: For 100 & 125A versions delete second coil.
Note 4: Depicts style 10 terminal versions which have separate ground stud.
85 - Ta
30
Io = Ir
DC


Similar Part No. - 60DCF6B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60DCF6B MACOM-60DCF6B Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
60DCF6B MACOM-60DCF6B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
60DCF6B TEC-60DCF6B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
More results

Similar Description - 60DCF6B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com