Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1A4533-01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. 1A4533-01
Description  Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

1A4533-01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9-7-99
SB99168
Rev. A
Fuse Clips for Printed Circuit Boards
1AXXXX
For ATC, 5mm, ⁄Ω¢∑ & ⁄‹Ω£™∑ Diameter Fuses
Series
Bussmann®
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A3400-09
Spg. Br.
Bright Tin
1A3400 Series
For ⁄‹Ω£™∑ Diameter Fuses (20 Amps Maximum)
With End Stops & Straight Leads
.218"
(5.5mm)
.710"
(18.0mm)
.080"
(2.0mm)
.470"
(11.9mm)
.142" Dia.
(3.6mm)
.050"
(1.27mm)
.437"
(11.1mm)
.450"
(11.9mm)
.380"
(9.7mm)
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A5600
Cart.
Satin
Brass
Finish Tin
1A5600 Series
For ATC
® Fuses (0 to 20 Amps)
1A5778 Series
1A5779 Series
1A5780 Series
.150"
(3.81mm)
.330"
(8.38mm)
.295"
(7.49mm)
.180"
(4.57mm)
.200"
(5.08mm)
.053"
(1.35mm)
.090"
(2.29mm)
.090"
(2.29mm)
Form No. 1AXXXX Series
Page 3 of 4
BIF Doc #2131
MOUNTING LAYOUT FOR 2 CLIPS
.012
.30
MATERIAL: BRASS, NICKEL PLATED,
THICK
1.90
.075
.156
3.96
.440
11.18
4.98
.196
.125
3.18
1.57
.062
.062
1.57
2.18
.086
3.66
.144
(TYP-4)
1.65Å}.05
.065Å}.002
DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
145flC
292flF
TO
-50flC
-58flF
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
BASE
FUSECLIPS
14.68
.578
4.75
.187
1.45
.057
3.18
.125
1.24
.049
.340
8.64
.100
2.54
.062
1.57
3.66
.144
(TYP-4)
1.65Å}.05
.065Å}.002
DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
292flF
-58flF
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
145flC
TO
-50flC
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
19.30
.760
3.18
.125
5.08
.200
BASE
FUSECLIPS
4.45
.175
6.35
.250
.271
6.88
.437
11.10
.050
1.27
(TYP-4)
2.54Å}.05
.100Å}.002
DIA. HOLE
.200
5.08
.160
4.06
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps (⁄Ω¢∑ clips).


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn