Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1A4533-01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 1A4533-01
Description  Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

1A4533-01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.250"
(6.35mm)
.410"
(10.4mm)
.080"
(2.03mm)
.155"
(3.9mm)
.290"
(7.4mm)
.360"
(9.14mm)
.312"
(7.9mm)
.132"
(3.4mm)
.187"
(4.8mm)
.320"
(8.13mm)
Fuse Clips for Printed Circuit Boards
1AXXXX
For ATC, 5mm, ⁄Ω¢∑ & ⁄‹Ω£™∑ Diameter Fuses
Series
Form No. 1AXXXX Series
Page 2 of 4
BIF Doc #2131
Bussmann®
9-7-99
SB99168
Rev. A
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A3399-10
Spg. Br.
Bright Tin
1A3399-01
BeCu**
Silver
1A3399-04
BeCu**
Bright Tin
High Profile
Catalog
Clip
Number
Mat.*
Finish
1A5018-10
Spg. Br.
Bright Tin
1A5018-7
Spg. Br.
Silver
.115"
(2.9mm)
.062"
(1.6mm)
.254"
(6.5mm)
.237"
(6.0mm)
.125"
(3.2mm)
.225"
(6.5mm)
.125"
(3.2mm)
.060"
(1.5mm)
.188"
(4.8mm)
.030"
(1.6mm)
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A5601
Cart. Brass
Bright Tin
1A5601 Series
For 5mm Diameter Fuses (0 to 7 amps)
.250"
(6.35mm)
.060"
(1.5mm)
.246"
(6.3mm)
.344" + .015"
(8.73mm + 0.38mm)
.266"
(6.75mm)
.344" + .015"
(8.73mm + 0.38mm)
.141" + .015"
(3.58mm + 0.38mm)
.022" + .002"
(0.56mm + 0.05mm)
.032" + .002"
(.81mm + .05mm)
Dimensional Data
Catalog
Clip
Number
Mat.
Finish
1A5602
Cart. Brass
Bright Tin
1A5602 Series
For 5mm Diameter Fuses (0 to 7 Amps)
.216"
(5.48mm)
LEGS TO FIT
IN .052" (1.3mm) DIA.
HOLES ON CENTER
.219"
(5.57mm)
.047"
(1.19mm)
.093"
(2.36mm)
.500"
(12.70mm)
.250"
(6.35mm)
.140"
(3.56mm)
.180"
(4.57mm)
.230"
(5.84mm)
.440"
(11.2mm)
.140"
(3.7mm)
.047"
(1.2mm)
.180"
(4.6mm)
1A3399 and 1A5018 Series
For 5mm Diameter Fuses
With Straight Leads
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps (⁄Ω¢∑ clips).
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A1119-04
BeCu**
Bright Tin
1A1119-05
BeCu**
Silver
1A1119-10
Cart. Brass
Bright Tin
1A1119-13
Spg. Br.
Bright Tin
1A1119 Series
For ⁄Ω¢∑ Diameter Fuses
With End Stops and Angled In leads
.250"
(6.35mm)
.420"
(10.7mm)
.080"
(2.03mm)
.155"
(3.9mm)
.290"
(7.4mm)
.360"
(9.14mm)
.132"
(3.4mm)
.187"
(4.8mm)
.320"
(8.13mm)
.312"
(7.9mm)
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A1120-02
Cart. Brass
Bright Dip
1A1120-05
BeCu**
Silver
1A1120-06
BeCu**
Bright Tin
1A1120-09
Cart. Brass
Bright Tin
1A1120-12
Spg. Br.
Bright Tin
1A1120-11
Spg. Br.
None Bright
Dipped
1A1120 Series
For ⁄Ω¢∑ Diameter Fuses
Without End Stops and Angled In Leads


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn