Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW30N90R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IHW30N90R
Description  Reverse Conducting IGBT with monolithic body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW30N90R Datasheet(HTML) 3 Page - Infineon Technologies AG

  IHW30N90R Datasheet HTML 1Page - Infineon Technologies AG IHW30N90R Datasheet HTML 2Page - Infineon Technologies AG IHW30N90R Datasheet HTML 3Page - Infineon Technologies AG IHW30N90R Datasheet HTML 4Page - Infineon Technologies AG IHW30N90R Datasheet HTML 5Page - Infineon Technologies AG IHW30N90R Datasheet HTML 6Page - Infineon Technologies AG IHW30N90R Datasheet HTML 7Page - Infineon Technologies AG IHW30N90R Datasheet HTML 8Page - Infineon Technologies AG IHW30N90R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IHW30N90R
Soft Switching Series
q
Power Semiconductors
3
Rev. 2.0
July 06
Dynamic Characteristic
Input capacitance
Ciss
-
2889
-
Output capacitance
Coss
-
83
-
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
79
-
pF
Gate charge
QGate
VCC=720V, IC=30A
VGE=15V
-
200
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
-
13
-
nH
Switching Characteristic, Inductive Load, at Tj=25 °C
Value
Parameter
Symbol
Conditions
min.
Typ.
Max.
Unit
IGBT Characteristic
Turn-off delay time
td(off)
-
511
-
Fall time
tf
-
24
-
Turn-on energy
Eon
-
-
-
Turn-off energy
Eoff
-
1.46
-
Total switching energy
Ets
Tj=25°C
VCC=600V,
IC=30A,
VGE=0/15V,
RG= 15Ω
-
1.46
-
mJ
Switching Characteristic, Inductive Load, at Tj=175 °C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
IGBT Characteristic
Turn-off delay time
td(off)
-
594
-
Fall time
tf
-
46
-
Turn-on energy
Eon
-
-
-
Turn-off energy
Eoff
-
2.1
-
Total switching energy
Ets
Tj=175°C
VCC=600V,
IC=30A,
VGE=0/15V,
RG= 15Ω
-
2.1
-
mJ


Similar Part No. - IHW30N90R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW30N90R INFINEON-IHW30N90R Datasheet
304Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.2 Nov 08
IHW30N90R INFINEON-IHW30N90R Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
IHW30N90R INFINEON-IHW30N90R_08 Datasheet
304Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.2 Nov 08
More results

Similar Description - IHW30N90R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IKW40N65WR5 INFINEON-IKW40N65WR5_16 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-12-10
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
IHW20N120R2 INFINEON-IHW20N120R2 Datasheet
375Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com