Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40CPV120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 40CPV120
Description  Phase Control Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

40CPV120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  40CPV120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 40CPV120 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FASTON TERMINAL
.250 X .032
4 PLCS.
1.87
(47.5)
.78
(19.8)
2.30
(58.4)
1.70
(43.2)
.87
(22.2)
.270 (2)
(6.9)
.50
(12.7)
1.10
(27.9)
1.00
(25.4)
1.80
(45.7)
.270
(6.9)
FASTON
TERMINAL
.187 X .032
4 PLCS.
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
GENERAL SPECIFICATIONS
Dielectric Strength, Signal to Load
4000 Vrms
Dielectric Strength, Signal to Base
4000 Vrms
Ambient Operating Temperature Range
-30 to 80ºC
Ambient Storage Temperature Range
-40 to 125ºC
MECHANICAL SPECIFICATIONS
Weight: (typical)
3.0 oz. (43g)
Encapsulation:
Thermally Conductive Epoxy
All dimensions are in inches (millimeters)
Series CPV
Phase Control Modules
DERATING CURVES – See Series 1
Positive
Supply (+)
(5Vdc)
Control
Voltage (+)
(0 to 5Vdc)
Common (–)
Line
Load
Notes
1. Following pins may be interchanged: 1A & 1B, 2A & 2B.
2. Pin 4A & 4B may not be interchanged, nor may pins 3A & 3B.
3. The line and load may be interchanged.
–10 RELAY
1
2
4
3
CONTROL MODULE
1A 1B
2B 2A
4A 4B
3B 3A
OUTPUT
INPUT
+
--
AVAILABLE OPTIONS
CPV120 Control Module Only (120 Vac line)
CPV240 Control Module Only (120 Vac line)
FastFax Document No. 203
SERIES CPV.040898, PAGE 2 OF 2
©1998 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340
85, Condor Close, Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany


Similar Part No. - 40CPV120

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
40CPV120 CRYDOM-40CPV120 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - 40CPV120

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X130 DYNEX-MP02X130 Datasheet
127Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX175 DYNEX-MP03XXX175 Datasheet
113Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02XXX190 DYNEX-MP02XXX190 Datasheet
100Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
logo
Powerex Power Semicondu...
P1Z7AAR700W POWEREX-P1Z7AAR700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com