Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW15N120R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IHW15N120R
Description  Reverse Conducting IGBT with monolithic body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW15N120R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IHW15N120R Datasheet HTML 4Page - Infineon Technologies AG IHW15N120R Datasheet HTML 5Page - Infineon Technologies AG IHW15N120R Datasheet HTML 6Page - Infineon Technologies AG IHW15N120R Datasheet HTML 7Page - Infineon Technologies AG IHW15N120R Datasheet HTML 8Page - Infineon Technologies AG IHW15N120R Datasheet HTML 9Page - Infineon Technologies AG IHW15N120R Datasheet HTML 10Page - Infineon Technologies AG IHW15N120R Datasheet HTML 11Page - Infineon Technologies AG IHW15N120R Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IHW15N120R
Soft Switching Series
q
Power Semiconductors
8
Rev. 2.1
July 06
0nC
50nC
100nC
0V
5V
10V
15V
960V
240V
0V
10V
20V
10pF
100pF
1nF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(
IC=15 A)
Figure 18. Typical capacitance as a function
of collector-emitter voltage
(
VGE=0V, f = 1 MHz)
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
tP, PULSE WIDTH
tP, PULSE WIDTH
Figure 19. IGBT transient thermal
resistance
(
D = tp / T)
Figure 20. Typical Diode transient thermal
impedance as a function of pulse width
(
D=tP/T)
R
,( K/ W )
τ , (s )
0.1357
2.96*10
-2
0.1207
5.46*10
-3
0.1026
5.79*10
-4
0.0211
8.11*10
-5
C 1=
τ1/R1
R 1
R2
C 2=
τ2/R2
R
,( K/ W )
τ , (s )
0.0379
8.23*10
-2
0.1588
1.32*10
-2
0.119
1.47*10
-3
0.064
1.74*10
-4
C 1=
τ1/R1
R 1
R2
C 2=
τ2/R2


Similar Part No. - IHW15N120R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R INFINEON-IHW15N120R Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
IHW15N120R2 INFINEON-IHW15N120R2 Datasheet
365Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
IHW15N120R2 INFINEON-IHW15N120R2 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
More results

Similar Description - IHW15N120R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IKW40N65WR5 INFINEON-IKW40N65WR5_16 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-12-10
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
IHW20N120R2 INFINEON-IHW20N120R2 Datasheet
375Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com