Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-C164SV-2R25F Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SAK-C164SV-2R25F
Description  16-Bit Single-Chip Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-C164SV-2R25F Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SAK-C164SV-2R25F Datasheet HTML 3Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 4Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 5Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 6Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 7Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 8Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 9Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 10Page - Infineon Technologies AG SAK-C164SV-2R25F Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
C164SV
Data Sheet
3
V1.0, 2003-04
Preliminary
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
• the derivative itself, i.e. its function set, the temperature range, and the supply voltage
• the package and the type of delivery.
For the available ordering codes for the C164SV please refer to the “Product Catalog
Microcontrollers”, which summarizes all available microcontroller variants.
Note: The ordering codes for Mask-ROM versions are defined for each product after
verification of the respective ROM code.
Introduction
The C164SV derivatives of the Infineon C166 Family of full featured single-chip CMOS
microcontrollers are especially suited for cost sensitive applications. They combine high
CPU performance (up to 12.5 million instructions per second) with high peripheral
functionality and enhanced IO-capabilities. They also provide clock generation via PLL
and various on-chip memory modules such as program ROM and internal RAM.
Figure 1
Logic Symbol
MCL04954
V
DD
V
SS
XTAL1
XTAL2
Port 0
16 Bit
Port 1
16 Bit
Port 8
4 Bit
Port 5
8 Bit
RSTIN
NMI
V
AREF VAGND
Port 20
6 Bit
C164SV


Similar Part No. - SAK-C164SV-2R25F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-C164SI-8R25M INFINEON-SAK-C164SI-8R25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164SI-8RM INFINEON-SAK-C164SI-8RM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164SL-6R25M INFINEON-SAK-C164SL-6R25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164SL-6RM INFINEON-SAK-C164SL-6RM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164SL-8R25M INFINEON-SAK-C164SL-8R25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results

Similar Description - SAK-C164SV-2R25F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com