Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C161CS-LF Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SAB-C161CS-LF
Description  16-Bit Single-Chip Microcontroller
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C161CS-LF Datasheet(HTML) 5 Page - Infineon Technologies AG

  SAB-C161CS-LF Datasheet HTML 1Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 2Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 3Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 4Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 5Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 6Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 7Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 8Page - Infineon Technologies AG SAB-C161CS-LF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
Data Sheet
1
V3.0, 2001-01
C161CS/JC/JI
16-Bit Single-Chip Microcontroller
C166 Family
C161CS/JC/JI
• High Performance 16-bit CPU with 4-Stage Pipeline
– 80 ns Instruction Cycle Time at 25 MHz CPU Clock
– 400 ns Multiplication (16
× 16 bit), 800 ns Division (32 / 16 bit)
– Enhanced Boolean Bit Manipulation Facilities
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Single-Cycle Context Switching Support
– 16 MBytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area
• 16-Priority-Level Interrupt System with 59 Sources, Sample-Rate down to 40 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
Peripheral Event Controller (PEC)
• Clock Generation via on-chip PLL (factors 1:1.5/2/2.5/3/4/5),
via prescaler or via direct clock input
– Additional 32 kHz Oscillator
• On-Chip Memory Modules
– 2 KBytes On-Chip Internal RAM (IRAM)
– 8 KBytes On-Chip Extension RAM (XRAM)
– 256 KBytes On-Chip Mask ROM
• On-Chip Peripheral Modules
– 12-Channel 10-bit A/D Converter with Programmable Conversion Time
down to 7.8
µs
– Two 16-Channel Capture/Compare Units (eight IO lines each)
– Two Multi-Functional General Purpose Timer Units with 5 Timers
– Two Asynchronous/Synchronous Serial Channels
– High-Speed Synchronous Serial Channel (SPI)
– On-Chip CAN Interface (Rev. 2.0B active, Full CAN / Basic CAN)
with 15 Message Objects (C161CS 2x, C161JC 1x)
– Serial Data Link Module (SDLM), compliant with J1850,
supporting Class 2 (C161JC/JI)
– IIC Bus Interface (10-bit Addressing, 400 kHz) with 2 Channels (multiplexed)
– On-Chip Real Time Clock
• Up to 16 MBytes External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed or Demultiplexed External Address/Data Buses with 8-Bit or 16-Bit
Data Bus Width
– Five Programmable Chip-Select Signals
– Hold- and Hold-Acknowledge Bus Arbitration Support


Similar Part No. - SAB-C161CS-LF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C161K-L16M SIEMENS-SAB-C161K-L16M Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB-C161K-L25M INFINEON-SAB-C161K-L25M Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAB-C161K-LM INFINEON-SAB-C161K-LM Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAB-C161K-LM3V INFINEON-SAB-C161K-LM3V Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
logo
Siemens Semiconductor G...
SAB-C161O-L16M SIEMENS-SAB-C161O-L16M Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - SAB-C161CS-LF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com