Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-C161CS-32RF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAK-C161CS-32RF
Description  16-Bit Single-Chip Microcontroller
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-C161CS-32RF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAK-C161CS-32RF Datasheet HTML 5Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 6Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 7Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 8Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 9Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 10Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 11Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 12Page - Infineon Technologies AG SAK-C161CS-32RF Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
C161CS/JC/JI-32R
C161CS/JC/JI-L
Data Sheet
5
V3.0, 2001-01
Table 2
Pin Definitions and Functions
Symbol Pin
No.
Input
Outp.
Function
RST
OUT
1
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or
a watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.
NMI
2
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the C161CS/JC/JI to go into
power down mode. If NMI is high, when PWRDN is
executed, the part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
P6
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
5
6
7
8
9
10
11
12
IO
O
O
O
O
O
I
I/O
O
Port 6 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 6 outputs can be configured as push/
pull or open drain drivers.
The Port 6 pins also serve for alternate functions:
CS0
Chip Select 0 Output
CS1
Chip Select 1 Output
CS2
Chip Select 2 Output
CS3
Chip Select 3 Output
CS4
Chip Select 4 Output
HOLD
External Master Hold Request Input
HLDA
Hold Acknowledge Output (master mode)
or Input (slave mode)
BREQ
Bus Request Output


Similar Part No. - SAK-C161CS-32RF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-C164CI-8EM INFINEON-SAK-C164CI-8EM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164CI-8R25M INFINEON-SAK-C164CI-8R25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164CI-8RM INFINEON-SAK-C164CI-8RM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164CI-L25M INFINEON-SAK-C164CI-L25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAK-C164CI-LM INFINEON-SAK-C164CI-LM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results

Similar Description - SAK-C161CS-32RF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com