Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0797 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T0797
Description  65 - 300 MHz SiGe IF Receiver / Demodulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0797 Datasheet(HTML) 2 Page - ATMEL Corporation

  T0797 Datasheet HTML 1Page - ATMEL Corporation T0797 Datasheet HTML 2Page - ATMEL Corporation T0797 Datasheet HTML 3Page - ATMEL Corporation T0797 Datasheet HTML 4Page - ATMEL Corporation T0797 Datasheet HTML 5Page - ATMEL Corporation T0797 Datasheet HTML 6Page - ATMEL Corporation T0797 Datasheet HTML 7Page - ATMEL Corporation T0797 Datasheet HTML 8Page - ATMEL Corporation T0797 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 (10)
Preliminary Information
T0797
Rev. A2, 03-Dec-01
Pin Configuration
Figure 2.
Ordering Information
Extended Type Number
Package
Remarks
T0797
TSSOP16
BBQP
BBQN
VCC
LOP
LON
GND
VCC
IFN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BBIN
BBIP
VCC
GC2
GC1
GND
VCC
IFP
Pin Description
Pin
Symbol
Function
1
BBIN
Baseband I-axis negative output
2
BBIP
Baseband I-axis positive output
3
VCC
5 V power supply
4
GC2
Gain control input, stage 2
5
GC1
Gain control input, stage 1
6
GND
Ground
7
VCC
5 V power supply
8
IFP
IF positive input
9
IFN
IF negative input
10
VCC
5 V power supply
11
GND
Ground
12
LON
Local oscillator, negative input
13
LOP
Local oscillator, positive input
14
VCC
5 V power supply
15
BBQN
Baseband Q-axis negative output
16
BBQP
Baseband Q-axis positive output


Similar Part No. - T0797

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
More results

Similar Description - T0797

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0797 ATMEL-ATR0797 Datasheet
474Kb / 11P
   65-300 MHZ SIGE IF RECEIVER DEMODULATOR
logo
SIRENZA MICRODEVICES
SRF-1016 SIRENZA-SRF-1016 Datasheet
118Kb / 6P
   65 - 300 MHz Silicon Germanium IF Receiver
logo
Hittite Microwave Corpo...
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
   300 MHz Optical receiver
2002 Dec 03
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
Siemens Semiconductor G...
TDA6142 SIEMENS-TDA6142 Datasheet
325Kb / 9P
   SAT - IF -DEMODULATOR
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com