Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS620A-1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS620A-1
Description  Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS620A-1 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS620A-1 Datasheet HTML 1Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 2Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 3Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 4Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 5Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 6Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 7Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 8Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product specification
74ALS620A/74ALS620A-1
74ALS623A/74ALS623A-1
Transceivers
1991 Feb 08
5
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IO
Current applied to output in Low output state
All versions
48
mA
IOUT
Current applied to output in Low output state
-1 version
96
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IO
Low level output current
All versions
24
mA
IOL
Low-level output current
-1 version
48 1
mA
Tamb
Operating free-air temperature range
0
+70
°C
NOTE:
1. The 48mA limit applies only under the condition of VCC = 5.0V ±5%.


Similar Part No. - 74ALS620A-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1 PHILIPS-74ALS645A-1 Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1N PHILIPS-74ALS645A-1N Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AD PHILIPS-74ALS645AD Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AN PHILIPS-74ALS645AN Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results

Similar Description - 74ALS620A-1

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
   TRANSCEIVERS
logo
Linear Technology
LTC1321ISW LINER-LTC1321ISW Datasheet
337Kb / 20P
   Transceivers
logo
NXP Semiconductors
74F641 PHILIPS-74F641 Datasheet
92Kb / 10P
   Transceivers
1999 Jan 08
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
   WAVEGUIDE TRANSCEIVERS
MDU1020 MICROSEMI-MDU1020_1 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
logo
OPLINK Communications I...
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com