Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV08A Datasheet(PDF) 13 Page - Texas Instruments

Part No. SN54LV08A
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV08A Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54LV08A Datasheet HTML 6Page - Texas Instruments SN54LV08A Datasheet HTML 7Page - Texas Instruments SN54LV08A Datasheet HTML 8Page - Texas Instruments SN54LV08A Datasheet HTML 9Page - Texas Instruments SN54LV08A Datasheet HTML 10Page - Texas Instruments SN54LV08A Datasheet HTML 11Page - Texas Instruments SN54LV08A Datasheet HTML 12Page - Texas Instruments SN54LV08A Datasheet HTML 13Page - Texas Instruments SN54LV08A Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GD54LS86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  List of Unclassifed Manufacturers
SN54LV86A QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN74ALVC08 QUADRUPLE 2-INPUT POSITIVE-AND GATE 1  2  3  4  5  More Texas Instruments
SN54AHC00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54H01 QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1  2  3  4  5  Texas Instruments
OR2 2-input OR gate with 1x drive strength 1  ams AG
HD26LS32 Quadruple Differential Line Receivers With 3 State Outputs 1  2  3  4  5  More Hitachi Semiconductor
TC74HC08AP QUAD 2-INPUT AND GATE 1  2  3  4  5  More Toshiba Semiconductor
IN74AC132 Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn