Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF15A850DS-0.65V50 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DF15A850DS-0.65V50
Description  0.65mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF15A850DS-0.65V50 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DF15A850DS-0.65V50 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 9Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 10Page - List of Unclassifed Manufacturers DF15A850DS-0.65V50 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
A296
1. Recommended Temperature Profile (SMT)
2. Recommended Manual Soldering Condition (SMT)
3. Recommended Screen Thickness (SMT)
4. Board Warp (SMT)
5. Cleaning Condition
6. Cautions
Note1: Maximum twice action is allowed under the same condition. However, the interval between
the first process and second actions must be maintained at the room temperature.
Note2: The temperature indicates the board surface temperature in the connector lead area.
Soldering iron temperature: 290±10ç, Soldering time: Within 2 seconds
0.15mm
Max 0.03mm in the connector center area, based on the both connector edges
Refer to the "Nylon Connector Use Hand book".
sThe receptacle is designed in a structure where contacts are exposed. Touching it with bare
hands would cause contact failure or electrostatic element damage.
sWhere no board is mounted, the insertion or extraction will cause damage or deformation in the contacts.
sAvoid retaining the board with the connector only, and fix the board by any other means than the connector.
sExcessive scoop insertion or extraction may result in damage.
sIn the manual soldering process, don't carry out the flux coating which will cause a flux blister on the connector.
sThe color phase of this product may be slightly different from that of the formed product
according to the manufacturing lot. However, the difference doesn't affect the performance.
BPrecautions


Similar Part No. - DF15A850DS-0.65V50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A(4.2)-20DP-0.65V(56) HIROSE-DF15A(4.2)-20DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15A(4.2)-30DP-0.65V(56) HIROSE-DF15A(4.2)-30DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15A(4.2)-40DP-0.65V(56) HIROSE-DF15A(4.2)-40DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15A(4.2)-50DP-0.65V(56) HIROSE-DF15A(4.2)-50DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15A(6.2)-20DP-0.65V(56) HIROSE-DF15A(6.2)-20DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
More results

Similar Description - DF15A850DS-0.65V50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
logo
SUYIN USA, INC.
650101FA SUYIN-USA-650101FA Datasheet
157Kb / 1P
   0.65mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com