Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT201 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT201
Description  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 5 page
background image
5
OPT201
®
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±15V, λ = 650nm, unless otherwise noted.
VOLTAGE RESPONSIVITY vs RADIANT POWER
Radiant Power (µW)
0.01
0.1
10
100
1k
1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10k
R F
=
10M
λ = 650nm
VOLTAGE RESPONSIVITY vs IRRADIANCE
Irradiance (W/m2)
0.001
0.01
1
10
100
0.1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10k
R F
=
10M
λ = 650nm
DISTRIBUTION OF RESPONSIVITY
Responsitity (A/W)
0
60
50
40
30
20
10
0
0.1
0.2
0.3
0.4
0.5
0.6
Distribution Totals
100%
λ = 650nm
NORMALIZED SPECTRAL RESPONSIVITY
Wavelength (nm)
100 200 300 400 500 600 700 800 900 1000 1100
1.0
0.8
0.6
0.4
0.2
0
650nm
(0.45A/W)
(0.48A/W)
VOLTAGE OUTPUT RESPONSIVITY vs FREQUENCY
Frequency (Hz)
100
10
1
0.1
0.01
0.001
1k
10k
100k
1M
R
F = 10MΩ
R
F = 3.3MΩ
R
F = 1MΩ
R
F = 330kΩ CEXT = 30pF
R
F = 100kΩ CEXT = 90pF
R
F = 33kΩ CEXT = 180pF
R
F = 10kΩ CEXT = 350pF
λ = 650nm
RESPONSE vs INCIDENT ANGLE
Incident Angle (°)
0
1.0
0.8
0.6
0.4
0.2
0
±20
±40
±60
±80
θ
Y
θ
X
θ
Y
θ
X
1.0
0.8
0.6
0.4
0.2
0




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE1292Integrated Circuit IF Amplifier and Detector 1 2 3 NTE Electronics
BGY288Power amplifier with integrated control loop for GSM850 EGSM900 DCS1800 and PCS1900 1 2 3 4 5 MoreNXP Semiconductors
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl