Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT201 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT201
Description  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 4 page
background image
®
4
OPT201
DICE INFORMATION
PAD
FUNCTION
1V+
2
–In
3V–
41M
Ω Feedback
5
Output
6NC
7NC
8A, 8B
Common
NC: No Connection. Pads 8A and 8B must both be con-
nected to common. Substrate Bias: The substrate is electri-
cally connected to internal circuitry. Do not make electrical
connection to the substrate.
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
OPT201 DIE TOPOGRAPHY
Photodiode Area
0.090 x 0.090 inch
2.29 x 2.29 mm
Supply Voltage ...................................................................................
±18V
Input Voltage Range (Common Pin) ....................................................
±V
S
Output Short-Circuit (to ground) ............................................... Continuous
Operating Temperature ..................................................... –25
°C to +85°C
Storage Temperature ........................................................ –25
°C to +85°C
Junction Temperature ...................................................................... +85
°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
(Vapor-Phase Soldering Not Recommended)
ABSOLUTE MAXIMUM RATINGS
SPECIAL PACKAGE INFORMATION
To provide consistent optical properties, the OPT201 is not
marked on the top of the 8-pin plastic DIP. It is identified by
a special marking “YY” on the package bottom next to pin 8.
See “Pin Configuration Diagram.”
The fire-retardant fillers used in black plastic packages are not
compatible with the clear molding compound used for the
OPT201KP. The OPT201KP cannot meet the flamability test,
UL-94.
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
154 x 120
±5
3.91 x 3.05
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.1 x 0.1
Backing
None
V+
–In
V–
1M
Ω Feedback
Common
NC
NC
Output
1
2
3
4
8
7
6
5
TOP VIEW
(1)
NOTE: (1) Photodiode location.
(2) Model identification mark "YY"
on package bottom, next to pin 8.
(2)
PACKAGE INFORMATION(1)
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
OPT201KP
8-Pin DIP
006-1
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE1292Integrated Circuit IF Amplifier and Detector 1 2 3 NTE Electronics
BGY288Power amplifier with integrated control loop for GSM850 EGSM900 DCS1800 and PCS1900 1 2 3 4 5 MoreNXP Semiconductors
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl