Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82J-10012C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S82J-10012C
Description  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-10012C Datasheet(HTML) 1 Page - Omron Electronics LLC

  S82J-10012C Datasheet HTML 1Page - Omron Electronics LLC S82J-10012C Datasheet HTML 2Page - Omron Electronics LLC S82J-10012C Datasheet HTML 3Page - Omron Electronics LLC S82J-10012C Datasheet HTML 4Page - Omron Electronics LLC S82J-10012C Datasheet HTML 5Page - Omron Electronics LLC S82J-10012C Datasheet HTML 6Page - Omron Electronics LLC S82J-10012C Datasheet HTML 7Page - Omron Electronics LLC S82J-10012C Datasheet HTML 8Page - Omron Electronics LLC S82J-10012C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Switch mode Power Supply
S82J
L-79
Switch mode Power Supply
S82J
Compact and Economical Switch mode Power Supplies with Capacities Up to 600 W
DIN Track Mounting Bracket Type Now Available
• Power range from 10 W up to 600 W.
• Output Voltages: 5 V, 12 V, 15 V, or 24 V.
• Mounting bracket provided for mounting to control panels.
• Maintenance-free up to 300 W due to natural ventilation.
• Protection-ON alarm indicator shows valuable protection functions in action (300-/600-W models).
• Conforms to EMC standards: EN50081-2 and EN50082-2.
• With an external filter, achieves conformance to EN50081-1 for universal usage on EMI (300-/600-W models).
• Finger protection terminal block to meet VDE0106/P100
• Class 2 approved 10-W, 25-W (except for 5-V output), and 50-W (only for 24-V output) models.
• UL508 approved. All models can be used at full load in UL508A industrial control panel applications.
• Approved by UL/CSA standards, EN60950, and EN50178 (VDE0160).
• Six-language instruction manual provided. (English, French, German, Italian, Spanish, and Japanese)
Model Number Structure
I Model Number Legend
S82J
Covered Type
Open-frame Type
Enclosure Type
<10 W to 150 W>
• 100 to 240-VAC input
• 100 or 200 VAC (selected automatically)
(100-W 5-/12-/15-V output, 150-W models)
<10 W to 150 W>
• 100 to 240-VAC input
• 100 or 200 VAC (selected automatically)
(100-W 5-/12-/15-V output, 150-W models)
<300/600 W>
• 100 or 200 VAC (selectable)
S82J -
1
3
2
4
1. Power Ratings
010:
10 W
025:
25 W
050:
50 W
100:
100 W
150:
150 W
300:
300 W
600:
600 W
4. Mounting Bracket
None: Front-mounting Bracket Type
D:
DIN Track Mounting Bracket Type
2. Output Voltage
05:
5 V
12:
12 V
15:
15 V
24:
24 V
3. Configuration
A:
Open-frame type, front terminals
B:
Open-frame type, top terminals
C:
Open-frame type, connector
D:
Covered type, front terminals
E:
Covered type, top terminals
F:
Covered type, connector
N:
Without Mounting Bracket
None: Enclosure type, front terminals with
Mounting Bracket


Similar Part No. - S82J-10012C

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82J-10012C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com