Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MKT369 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKT369
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT369 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 28133
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 29-Aug-03
3
MKT 369
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 63 V; URac = 40 V
URdc = 100 V; URac = 63 V
URdc = 250 V; URac = 160 V
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 369 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm
lt = 22.0 ±4.0 mm
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.22
4.2 × 9.3 × 12.5
0.4
15224
2000
1000
1300
0.27
3.8 × 9.0 × 12.5
0.4
15274
2000
1000
1300
0.33
4.1 × 9.3 × 12.5
0.4
15334
2000
1000
1300
0.39
4.0 × 9.2 × 12.5
0.4
15394
2000
1000
1300
0.47
4.3 × 9.5 × 12.5
0.5
15474
2000
1000
1200
0.56
4.7 × 9.8 × 12.5
0.5
15564
2000
1000
1200
0.68
5.1 × 10.2 × 12.5
0.5
15684
2000
1000
1100
0.82
5.5 × 10.7 × 12.5
0.6
15824
2000
1000
1000
1
6.0 × 11.1 × 12.5
0.7
15105
2000
1000
900
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 369 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm
lt = 22.0 ±4.0 mm
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.056
4.0 × 9.1 × 12.5
0.4
25563
2000
1000
1500
0.068
25683
0.082
3.7 × 8.8 × 12.5
0.4
25823
2000
1000
1500
0.1
4.0 × 9.0 × 12.5
0.4
25104
2000
1000
1500
0.12
4.3 × 9.3 × 12.5
0.4
25124
2000
1000
1500
0.15
3.9 × 8.9 × 12.5
0.4
25154
2000
1000
1500
0.18
4.2 × 9.2 × 12.5
0.5
25184
2000
1000
1300
0.22
4.5 × 9.4 × 12.5
0.5
25224
2000
1000
1200
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 369 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm
lt = 22.0 ±4.0 mm
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.027
4.2 × 8.7 × 12.5
0.4
45273
2000
1000
1500
0.033
4.6 × 8.8 × 12.5
0.5
45333
2000
1000
1300
0.039
4.0 × 8.8 × 12.5
0.4
45393
2000
1000
1500
0.047
4.5 × 9.0 × 12.5
0.5
45473
2000
1000
1500
0.056
4.6 × 8.8 × 12.5
0.5
45563
2000
1000
1300
0.068
4.6 × 9.2 × 12.5
0.5
45683
2000
1000
1300
0.082
4.4 × 9.4 × 12.5
0.5
45823
2000
1000
1200
0.1
4.7 × 9.7 × 12.5
0.5
45104
2000
1000
1200


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn